Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7NM60L-K08-5060-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 7NM60L-K08-5060-R
Description  7A, 600V N-CHANNEL SUPER-JUNCTION MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7NM60L-K08-5060-R Datasheet(HTML) 4 Page - Unisonic Technologies

  7NM60L-K08-5060-R Datasheet HTML 1Page - Unisonic Technologies 7NM60L-K08-5060-R Datasheet HTML 2Page - Unisonic Technologies 7NM60L-K08-5060-R Datasheet HTML 3Page - Unisonic Technologies 7NM60L-K08-5060-R Datasheet HTML 4Page - Unisonic Technologies 7NM60L-K08-5060-R Datasheet HTML 5Page - Unisonic Technologies 7NM60L-K08-5060-R Datasheet HTML 6Page - Unisonic Technologies 7NM60L-K08-5060-R Datasheet HTML 7Page - Unisonic Technologies 7NM60L-K08-5060-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
7NM60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R209-044.D
ELECTRICAL CHARACTERISTICS (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250μA
600
V
Drain-Source Leakage Current
IDSS
VDS = 600V, VGS = 0V
10
μA
Forward
VGS = 30V, VDS = 0V
100
nA
Gate- Source Leakage Current
Reverse
IGSS
VGS = -30V, VDS = 0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250μA
2.5
4.5
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10V, ID = 3.7A
0.95
Ω
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
424
pF
Output Capacitance
COSS
348
pF
Reverse Transfer Capacitance
CRSS
VDS=25V, VGS=0V, f=1.0MHz
35
pF
SWITCHING CHARACTERISTICS
Total Gate Charge
QG
17
nC
Gate-Source Charge
QGS
3.6
nC
Gate-Drain Charge
QGD
VDS=480V, VGS=10V, ID=7A
IG=1mA (Note 1, 2)
5.5
nC
Turn-On Delay Time
tD(ON)
5.6
ns
Turn-On Rise Time
tR
20
ns
Turn-Off Delay Time
tD(OFF)
50
ns
Turn-Off Fall Time
tF
VDD=100V, VGS=10V, ID =7A,
RG =25Ω (Note 1, 2)
36
ns
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Maximum Continuous Drain-Source Diode
Forward Current
IS
7
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
14
A
Drain-Source Diode Forward Voltage
VSD
IS=7A, VGS=0V
1.4
V
Body Diode Reverse Recovery Time
trr
320
nS
Body Diode Reverse Recovery Charge
Qrr
IS=7A, VGS=0V, dI/dt=100A/µs
3.2
nC
Notes: 1. Pulse Test: Pulse width ≤ 300μs, Duty cycle≤2%.
2. Essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com