Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE84C487 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCE84C487
Description  Microcontrollers for digital auto-sync and VST TV controller applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCE84C487 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCE84C487 Datasheet HTML 4Page - NXP Semiconductors PCE84C487 Datasheet HTML 5Page - NXP Semiconductors PCE84C487 Datasheet HTML 6Page - NXP Semiconductors PCE84C487 Datasheet HTML 7Page - NXP Semiconductors PCE84C487 Datasheet HTML 8Page - NXP Semiconductors PCE84C487 Datasheet HTML 9Page - NXP Semiconductors PCE84C487 Datasheet HTML 10Page - NXP Semiconductors PCE84C487 Datasheet HTML 11Page - NXP Semiconductors PCE84C487 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
1996 Feb 21
8
Philips Semiconductors
Objective specification
Microcontrollers for digital auto-sync and
VST TV controller applications
PCE84C486; PCE84C487
Table 2
SDIP42 package
SYMBOL
PIN
DESCRIPTION
DP20/SDA
1
Derivative port line 20 or I2C-bus data line.
P10/SCL
2
Port line 10 or I2C-bus clock line or emulation input DXWR.
P11
3
Port line 11 or emulation input DXRD.
DP13/PWM8
4
Derivative I/O port 13 or PWM8 output.
P12
5
Port line 12 or emulation input DXALE.
n.c.
6
Not connected.
T3
7
8-bit counter input (Schmitt trigger).
DP24/PWM10 to DP27/PWM13
8, 14, 29, 34
Derivative I/O ports or 8-bit PWM outputs.
P14
9
Port line 14 or emulation output DXINT.
P00 to P07
10, 12, 13, 15,
17, 18, 19, 20
General I/O port lines.
RSTO
11
Used for emulation purposes only. This active HIGH output is the
result of the OR operation carried out internally on the RESET
input and the Watchdog Timer reset line.
n.c.
16
Not connected.
VSS
21
Ground pin.
DP11/ADC1
22
Derivative I/O port 11 or ADC channel 1 input.
DP04/PWM4 to DP07/PWM7
25, 24, 23, 42
Derivative I/O ports or 6-bit PWM outputs.
n.c.
27
Not connected.
DP00/PWM0 to DP03/PWM3
31, 30, 28, 26
Derivative I/O ports or 7-bit PWM outputs.
EMU
32
Emulation mode control input, normally LOW.
VDD
33
Power supply.
XTAL1 (IN)
35
Oscillator input pin for system clock.
XTAL2 (OUT)
36
Oscillator output pin for system clock.
n.c.
37
Not connected.
RESET
38
Reset input; active LOW input initializes device.
T1
39
Direct testable pin or event counter input.
INTN/T0
40
External interrupt or direct testable pin.
DP12/ADC2
41
Derivative I/O port 12 or ADC Channel 2 input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com