Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE019 Datasheet(PDF) 1 Page - STEGO Elektrotechnik GmbH

Part # LE019
Description  HIGH-PERFORMANCE 19" FAN TRAY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

LE019 Datasheet(HTML) 1 Page - STEGO Elektrotechnik GmbH

  LE019 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
64
PRODUCT CATALOGUE - STEGO
TECHNICAL DATA
Axial fans, ball bearing
service life 50,000 h at +25 °C (+77 °F), 65 % RH
Material
front panel aluminium, bright anodised
casing steel sheet, electrogalvanized
Optical indicator
integrated in front panel
Connection
appliance power inlet on rear of casing, plug included
Fitting position
vertical airflow (air outlet up)
Operating/Storage temperature
-10 to +60 °C (+14 to +140 °F) / -40 to +70 °C (-40 to +158 °F)
Operating/Storage humidity
max. 90 % RH (non-condensing)
Protection type/Protection class
IP20 / I (earthed)
Use in 19" enclosures: We recommend using the fan tray without integrated thermostat in combination with our dual thermostat
(ZR 011 Art. No. 01176.0-00) for regulating temperature in electronic enclosures and for protection against over-heating due to
possible fan failure. The dual thermostat regulates the operation of the fan tray and – when connected to a signal device – also
triggers an early warning if the enclosure interior temperature rises above a set limit. When using a fan tray with integrated ther-
mostat, the use of an additional thermostat (KTS 111 Art. No. 11101.0-00) provides the extra safety of activating a signal device.
HIGH-PERFORMANCE 19" FAN TRAY
LE 019
Compact high performance fan tray for enforced circulation of air in switch and server enclosures and for concerted
cooling of 19" component groups. Natural convection is improved and the formation of localised hot pockets is
avoided. Also available with integrated thermostat (see photo).
> High air output
> Long service life
> Ball bearing fans
> Ready for connection
> Optical function indicator
Art. No.
Thermostat
No. of
fans
Operating voltage
Air volume,
free flow
Power
consumption
Average noise level
(DIN EN ISO 4871)
Speed (rpm)
Weight
(approx.)
Approvals
01930.0-00
without
3
AC 230 V, 50 Hz
486 m³/h
45 W
55 db (A)
2,600 rpm (50 Hz)
3.0 kg
UL File No. E234324
EAC
01930.1-00
0 to +60 °C
3
AC 230 V, 50 Hz
486 m³/h
45 W
55 db (A)
2,600 rpm (50 Hz)
3.4 kg
UL File No. E234324
EAC
01940.0-00
without
6
AC 230 V, 50 Hz
972 m³/h
90 W
57 db (A)
2,600 rpm (50 Hz)
5.3 kg
UL File No. E234324
EAC
01940.1-00
0 to +60 °C
6
AC 230 V, 50 Hz
972 m³/h
90 W
57 db (A)
2,600 rpm (50 Hz)
5.7 kg
UL File No. E234324
EAC
01950.0-00
without
9
AC 230 V, 50 Hz
1,458 m³/h
135 W
58 db (A)
2,600 rpm (50 Hz)
7.8 kg
UL File No. E234324
EAC
01950.1-00
0 to +60 °C
9
AC 230 V, 50 Hz
1,458 m³/h
135 W
58 db (A)
2,600 rpm (50 Hz)
7.9 kg
-
EAC
01931.0-00
without
3
AC 120 V, 60 Hz
576 m³/h
45 W
55 db (A)
2,900 rpm (60 Hz)
3.0 kg
UL File No. E234324
EAC
01931.1-00
0 to +60 °C
3
AC 120 V, 60 Hz
576 m³/h
45 W
55 db (A)
2,900 rpm (60 Hz)
3.4 kg
UL File No. E234324
EAC
01941.0-00
without
6
AC 120 V, 60 Hz
1,152 m³/h
90 W
57 db (A)
2,900 rpm (60 Hz)
5.3 kg
UL File No. E234324
EAC
01941.1-00
0 to +60 °C
6
AC 120 V, 60 Hz
1,152 m³/h
90 W
57 db (A)
2,900 rpm (60 Hz)
5.7 kg
-
EAC
01951.0-00
without
9
AC 120 V, 60 Hz
1,728 m³/h
135 W
58 db (A)
2,900 rpm (60 Hz)
7.8 kg
UL File No. E234324
EAC
01951.1-00
0 to +60 °C
9
AC 120 V, 60 Hz
1,728 m³/h
135 W
58 db (A)
2,900 rpm (60 Hz)
7.9 kg
-
EAC
COOLING
64TECHNICAL DATASHEET


Similar Part No. - LE019

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LE00AB STMICROELECTRONICS-LE00AB Datasheet
207Kb / 27P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
09-Jul-2004
LE00C STMICROELECTRONICS-LE00C Datasheet
207Kb / 27P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
09-Jul-2004
logo
Leshan Radio Company
LE0504FT1G LRC-LE0504FT1G Datasheet
953Kb / 6P
STEERING DIODE/TVS ARRAY COMBO
logo
DONG IL TECHNOLOGY LTD.
LE07097 DIT-LE07097 Datasheet
865Kb / 2P
CHOKE COIL
logo
ATGBICS by Approved Tec...
LE0M0XS1DD-C ATGBICS-LE0M0XS1DD-C Datasheet
569Kb / 10P
LE0M0XS1DD Huawei Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
More results

Similar Description - LE019

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
FT-1170 BUD-FT-1170 Datasheet
70Kb / 1P
FAN TRAY ASSEMBLY
logo
ORION FANS
OD1238-12HB-XC ORIONFANS-OD1238-12HB-XC_15 Datasheet
100Kb / 1P
High Performance DC Fan
KE532 ORIONFANS-KE532 Datasheet
277Kb / 1P
Short Fan Tray
OD1238VA ORIONFANS-OD1238VA Datasheet
126Kb / 1P
High Performance DC Fan
logo
Bud Industries, Inc.
FT-1979 BUD-FT-1979 Datasheet
156Kb / 1P
FAN TRAY ASSEMBLY
FT-1976 BUD-FT-1976 Datasheet
120Kb / 1P
FAN TRAY ASSEMBLY
FT-1973 BUD-FT-1973 Datasheet
85Kb / 1P
FAN TRAY ASSEMBLY
logo
STEGO Elektrotechnik Gm...
DCR030 STEGO-DCR030 Datasheet
278Kb / 2P
HIGH-PERFORMANCE FAN HEATER
08.09.2020
DCR130 STEGO-DCR130 Datasheet
282Kb / 2P
HIGH-PERFORMANCE FAN HEATER
08.09.2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com