Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE-SD3000USST Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-SD3000USST
Description  Weighbridge PCE-SD 3000U SST
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-SD3000USST Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-SD3000USST Datasheet HTML 1Page - PCE Instruments. PCE-SD3000USST Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Weighbridge PCE-SD 3000U SST
CalibratedU-shaped weighbridge made of stainless steel / incl. transport rollers /IP68-IP65 / 
Unit Counter / Summation function / analogue outputs 4 ... 20 mA, 0 ...10 V optional
TheU-shaped weighbridge is a calibratable scale that will be already calibratedbefore delivery. The measurements of the U-shaped weighbridge
are exactlyaccordant to serial EU palettes. The U-shape of the platform scaleallows quick and easy loading of the scale even by means of
forkliftscales. The four load cells of the U-shaped weighbridge are IP68 protected andare embedded at the corners of the U-shaped pallet
scale. The weighing frame ismade of massive stainless steel that is resistant to acids. The displayof the U-shaped weighbridge is IP65 protected
and can be mounted either on awall or placed on a table. There is also an option to extend the U-shapedweighbridge with interfaces, e.g. RS-
232, USB, LAN, 4-20 mA etc., although itshould be considered that this would affect the IP protection. For morecomfortable transport and
moving from one location to another, theU-shaped weighbridge also features rollers at its pillars. Functions of theU-shaped weighbridge are
automatic tare, unit counter, tare memory, gross /net weighing, percentage calculation, threshold measurement etc.
Calibratable incl. initial calibration before delivery
Made entirely of IP68-IP65 stainless steel
Unit Counter
Summation function
MAX / MIN indication
Percentage calculation
Measurement on formula
Statistics calculation
Animal weighing function
Gross / net indication
Tare memory
Threshold weighing MIN / MAX / OK
3 potential-free contacts optional
Analogue outputs optional (4-20 mA / 0-10 V)


Similar Part No. - PCE-SD3000USST

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-SD3000U PCE-PCE-SD3000U Datasheet
160Kb / 2P
Weighbridge PCE-SD 3000U
More results

Similar Description - PCE-SD3000USST

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
List of Unclassifed Man...
SST-90 ETC2-SST-90 Datasheet
3Mb / 23P
SST-90 LEDs
logo
SMSC Corporation
EMC1103 SMSC-EMC1103_08 Datasheet
331Kb / 3P
SST Compliant Hardware Monitor
EMC1102 SMSC-EMC1102_08 Datasheet
231Kb / 3P
SST Compliant Hardware Monitor
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
PCE-PQC PCE-PCE-PQC Datasheet
340Kb / 2P
Particle Counter PCE-PQC 10US Incl. Calibration
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com