Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE-SW1500N Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-SW1500N
Description  Shipping Scale PCE-SW 1500N
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-SW1500N Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-SW1500N Datasheet HTML 1Page - PCE Instruments. PCE-SW1500N Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shipping Scale PCE-SW 1500N
PCE-SW 1500N Shipping Scale
Portable adjustable industrial pallet scale with 500 kg / 3306 lb / 1.65 T weighing capacity
PCE-SW 1500N is a portable battery-powered industrial floor scale or pallet scale featuring two heavy-duty parallel weighing beams made of
lacquered steel that can be positioned up to 4 m / 13 ft apart. Thus, the adjustable width accommodates multiple pallet, box and container
sizes. In addition, the scale's stainless-steel-encased display can be placed up to 5 m / 16 ft away from the weighing beams, allowing for wall
mounting.
Bi-directional RS-232 interface for PC or printer connection
Multiple TARE for whole weighing range
Threshold, sum-up and counting functions
6V rechargeable battery inside display
Ingress protection rating: IP 54
Ideal for use in warehouse, storage facility, shipping, receiving, loading dock, logistical, supply chain, retail, inventory and stock room
applications
Software, USB to RS-232 adapter and ISO calibration certificate sold separately - see accessories for details


Similar Part No. - PCE-SW1500N

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-SW3000N PCE-PCE-SW3000N Datasheet
3Mb / 2P
Shipping Scale PCE-SW 3000N
PCE-SW5000N PCE-PCE-SW5000N Datasheet
3Mb / 2P
Shipping Scale PCE-SW 5000N
More results

Similar Description - PCE-SW1500N

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
Central Semiconductor C...
1N4099 CENTRAL-1N4099 Datasheet
433Kb / 3P
Consolidated shipping options
1N4614 CENTRAL-1N4614 Datasheet
431Kb / 3P
Consolidated shipping options
CBR1 CENTRAL-CBR1 Datasheet
664Kb / 3P
Consolidated shipping options
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
PCE-PQC PCE-PCE-PQC Datasheet
340Kb / 2P
Particle Counter PCE-PQC 10US Incl. Calibration
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com