Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD835G2V-120UI Datasheet(PDF) 39 Page - STMicroelectronics

Part # PSD835G2V-120UI
Description  Flash PSD, 3 V supply, for 8-bit MCUs 4 Mbit 256 Kbit dual Flash memories and 64 Kbit SRAM
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2V-120UI Datasheet(HTML) 39 Page - STMicroelectronics

Back Button PSD835G2V-120UI Datasheet HTML 35Page - STMicroelectronics PSD835G2V-120UI Datasheet HTML 36Page - STMicroelectronics PSD835G2V-120UI Datasheet HTML 37Page - STMicroelectronics PSD835G2V-120UI Datasheet HTML 38Page - STMicroelectronics PSD835G2V-120UI Datasheet HTML 39Page - STMicroelectronics PSD835G2V-120UI Datasheet HTML 40Page - STMicroelectronics PSD835G2V-120UI Datasheet HTML 41Page - STMicroelectronics PSD835G2V-120UI Datasheet HTML 42Page - STMicroelectronics PSD835G2V-120UI Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 118 page
background image
PSD835G2V
Programming Flash memory
39/118
8.2
Data toggle
Checking the Toggle Flag (DQ6) bit is a method of determining whether a Program or Erase
cycle is in progress or has completed. Figure 7 shows the Data Toggle algorithm.
When the MCU issues a Program instruction, the embedded algorithm within the PSD
begins. The MCU then reads the location of the byte to be programmed in Flash memory to
check status. The Toggle Flag (DQ6) bit of this location toggles each time the MCU reads
this location until the embedded algorithm is complete. The MCU continues to read this
location, checking the Toggle Flag (DQ6) bit and monitoring the Error Flag (DQ5) bit. When
the Toggle Flag (DQ6) bit stops toggling (two consecutive reads yield the same value), and
the Error Flag (DQ5) bit remains 0, the embedded algorithm is complete. If the Error Flag
(DQ5) bit is 1, the MCU should test the Toggle Flag (DQ6) bit again, since the Toggle Flag
(DQ6) bit may have changed simultaneously with the Error Flag (DQ5) bit (see Figure 7).
The Error Flag (DQ5) bit is set if either an internal time-out occurred while the embedded
algorithm attempted to program the byte, or if the MCU attempted to program a 1 to a bit that
was not erased (not erased is logic 0).
It is suggested (as with all Flash memories) to read the location again after the embedded
programming algorithm has completed, to compare the Byte that was written to Flash
memory with the Byte that was intended to be written.
When using the Data Toggle method after an Erase cycle, Figure 7 still applies. the Toggle
Flag (DQ6) bit toggles until the Erase cycle is complete. A 1 on the Error Flag (DQ5) bit
indicates a time-out condition on the Erase cycle; a 0 indicates no error. The MCU can read
any location within the sector being erased to get the Toggle Flag (DQ6) bit and the Error
Flag (DQ5) bit.
PSDsoft generates ANSI C code functions which implement these Data Toggling algorithms.
8.2.1
Unlock bypass
The Unlock Bypass instructions allow the system to program bytes to the Flash memories
faster than using the standard Program instruction. The Unlock Bypass mode is entered by
first initiating two Unlock cycles. This is followed by a third Write cycle containing the Unlock
Bypass code, 20h (as shown in Table 28. on page 32).
The Flash memory then enters the Unlock Bypass mode. A two-cycle Unlock Bypass
Program instruction is all that is required to program in this mode. The first cycle in this
instruction contains the Unlock Bypass Program code, A0h. The second cycle contains the
program address and data. Additional data is programmed in the same manner. These
instructions dispense with the initial two Unlock cycles required in the standard Program
instruction, resulting in faster total Flash memory programming.
During the Unlock Bypass mode, only the Unlock Bypass Program and Unlock Bypass
Reset Flash instructions are valid.
To exit the Unlock Bypass mode, the system must issue the two-cycle Unlock Bypass Reset
Flash instruction. The first cycle must contain the data 90h; the second cycle, the data 00h.
Addresses are Don’t Care for both cycles. The Flash memory then returns to Read mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com