Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMSN2800DUT4C Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AMSN2800DUT4C
Description  Processor Model 10 Multiprocessor Platforms
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMSN2800DUT4C Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AMSN2800DUT4C Datasheet HTML 9Page - Advanced Micro Devices AMSN2800DUT4C Datasheet HTML 10Page - Advanced Micro Devices AMSN2800DUT4C Datasheet HTML 11Page - Advanced Micro Devices AMSN2800DUT4C Datasheet HTML 12Page - Advanced Micro Devices AMSN2800DUT4C Datasheet HTML 13Page - Advanced Micro Devices AMSN2800DUT4C Datasheet HTML 14Page - Advanced Micro Devices AMSN2800DUT4C Datasheet HTML 15Page - Advanced Micro Devices AMSN2800DUT4C Datasheet HTML 16Page - Advanced Micro Devices AMSN2800DUT4C Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
Chapter 1
Overview
1
26426C—October 2003
AMD Athlon™ MP Processor Model 10 Data Sheet for Multiprocessor Platforms
Preliminary Information
1Overview
The AM D Athlon™ M P processor model 10 powers the next
generation in computing platforms, delivering compelling
performance for cutting-edge applications and an unprecedented
computing experience.
The AMD Athlon™ MP processor model 10, based on leading-
edge 0.13 micron technology and increased on-chip cache,
integrates the innovative design and manufacturing expertise of
AMD to deliver improved performance, while maintaining the
stab le and compatible Socket A in frastruc tu re o f th e
AMD Athlon MP processor. The AMD Athlon MP processor
model 10 continues to deliver breakthrough performance in the
multiprocessing server and workstation markets. This processor
is designed to meet the reliability and computation-intensive
requirements of cutting-edge software applications required by
workstations and servers.
Delivered in an OPGA package, the AMD Athlon MP processor
model 10 delivers the integer, floating-point, and 3D multimedia
performance for enterprise applications running on x86 system
platforms. The AMD Athlon MP processor model 10 offers
compelling performance for productivity software, including
workstation-class digital content creation (DCC), electronic
design automation (EDA), and computer-aided design (CAD), as
well as infrastructure and collaborative server applications. It
also offers the scalability and reliability that IT managers and
business users require for mission-critical computing.
The AMD Athlon MP processor model 10 features the seventh-
generation microarchitecture, including a high-speed execution
core that includes multiple x86 instruction decoders, a dual-
ported, 128-Kbyte, split level-one (L1) cache, a 512-Kbyte on-
chip L2 cache, three independent integer pipelines, three
address calculation pipelines, and a superscalar, fully pipelined,
out-of-order, three-way floating-point engine. The integrated L2
cache supports the growing processor and system bandwidth
requirements of emerging software, graphics, I/O, and memory
technologies. The processor also features the advanced modified
owner exclusive shared invalid (MOESI) cache coherency
protocol to ensure efficient cache integrity in a multiprocessing
environment. The floating-point engine is capable of delivering
excellent performance on the numerically complex applications
typical of servers and workstations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com