Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APT18M100B Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APT18M100B
Description  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT18M100B Datasheet(HTML) 3 Page - Microsemi Corporation

  APT18M100B Datasheet HTML 1Page - Microsemi Corporation APT18M100B Datasheet HTML 2Page - Microsemi Corporation APT18M100B Datasheet HTML 3Page - Microsemi Corporation APT18M100B Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VGS= 6, 7, 8 & 9V
4.5V
T
J = 125°C
T
J = 25°C
T
J = -55°C
VGS = 10V
5V
V
DS> ID(ON) x RDS(ON) MAX.
250µSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
NORMALIZED TO
V
GS = 10V @ 9A
T
J = 125°C
T
J = 25°C
T
J = -55°C
C
oss
C
iss
I
D = 9A
V
DS = 960V
V
DS = 240V
V
DS = 600V
T
J = 150°C
T
J = 25°C
TJ = 125°C
T
J = 150°C
C
rss
T
J = 125°C
T
J = 25°C
T
J = -55°C
V
DS(ON), DRAIN-TO-SOURCE VOLTAGE (V)
V
DS, DRAIN-TO-SOURCE VOLTAGE (V)
Figure 1, Output Characteristics
Figure 2, Output Characteristics
T
J, JUNCTION TEMPERATURE (°C)
V
GS, GATE-TO-SOURCE VOLTAGE (V)
Figure 3, RDS(ON) vs Junction Temperature
Figure 4, Transfer Characteristics
I
D, DRAIN CURRENT (A)
V
DS, DRAIN-TO-SOURCE VOLTAGE (V)
Figure 5, Gain vs Drain Current
Figure 6, Capacitance vs Drain-to-Source Voltage
Q
g, TOTAL GATE CHARGE (nC)
V
SD, SOURCE-TO-DRAIN VOLTAGE (V)
Figure 7, Gate Charge vs Gate-to-Source Voltage
Figure 8, Reverse Drain Current vs Source-to-Drain Voltage
0
5
10
15
20
25
30
0
5
10
15
20
25
30
-55 -25
0
25
50
75 100 125 150
0
1
2
3
4
5
6
7
8
0
2
4
6
8
10
12
0
200
400
600
800
1000
0 20 40 60 80 100 120 140 160 180 200
0
0.2
0.4
0.6
0.8
1.0
1.2
60
50
40
30
20
10
0
3.0
2.5
2.0
1.5
1.0
0.5
0
25
20
15
10
5
0
16
14
12
10
8
6
4
2
0
20
15
10
5
0
60
50
40
30
20
10
0
10,000
1,000
100
10
60
50
40
30
20
10
0
APT18M100B_S



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com