Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE-CS10000N Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-CS10000N
Description  Hanging Scales PCE-CS 10000N
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CS10000N Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-CS10000N Datasheet HTML 1Page - PCE Instruments. PCE-CS10000N Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hanging Scales PCE-CS 10000N
PCE-CS 10000N are a digital battery-powered heavy-duty industrial crane, lifter, suspended or hanging scales, dynamometer, electronic
balance or weighing hook that displays measurement values in kilograms (kg) or pounds (lbs). The scales are delivered factory calibrated and
include a hook, shackle and remote control. For an additional fee, the scales can be calibrated according to ISO standards.
Maximum weighing capacity: 10000 kg / 22046 lbs ≈ 10 Tons
Resolution: 5 kg
Tare range: 100% full scale
Displays measurement values in kilograms (kg) or pounds (lbs)
Comes factory calibrated (see accessories for optional ISO calibration)
Includes hook, shackle and remote control
Features zero, tare, hold, sum / accumulation, battery voltage indication and adjustable brightness functions


Similar Part No. - PCE-CS10000N

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-CS1000LD PCE-PCE-CS1000LD Datasheet
897Kb / 2P
Hanging Scales PCE-CS 1000LD
PCE-CS1000LD-ICA PCE-PCE-CS1000LD-ICA Datasheet
864Kb / 2P
Hanging Scales PCE-CS 1000LD-ICA incl. ISO CalibrationCertificate
PCE-CS1000N PCE-PCE-CS1000N Datasheet
170Kb / 2P
Hanging Scales PCE-CS 1000N
More results

Similar Description - PCE-CS10000N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C-MS RENESAS-R8C-MS Datasheet
123Kb / 22P
Sample Program: Musical Scales
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
List of Unclassifed Man...
CBC4 ETC2-CBC4 Datasheet
206Kb / 2P
CBC Bench Counting Scales
logo
Banner Engineering Corp...
WLB92 BANNER-WLB92 Datasheet
354Kb / 3P
Hanging Bracket Kit
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
PCE-PQC PCE-PCE-PQC Datasheet
340Kb / 2P
Particle Counter PCE-PQC 10US Incl. Calibration
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com