Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE-CS1000N Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-CS1000N
Description  Hanging Scales PCE-CS 1000N
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CS1000N Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-CS1000N Datasheet HTML 1Page - PCE Instruments. PCE-CS1000N Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Maximum
weighing
capacity
1000 kg / 2200 lbs ≈ 1 Ton
Resolution
0.2 kg / 0.4 lbs
Tare range
100% full scale
Accuracy
± 1% of the measuring range
Minimum load
10 kg / 23 lbs
Measuring units
kg / lb
Response time
Less than 1 second
Safety load
150% (do not exceed)
Functions
Zero, tare, data hold, power-saving automatic shutdown
and timed backlighting
Display
LCD with backlight, 20 mm / 0.79 in. digit height
Power supply
3 x 1.5 V AA batteries (operating time up to 65 hours), 2
x AA batteries (remote)
Operating conditions
-10° C ... +40° C / +14° F ... +104° F
Overall dimensions: See
table below
L
230 mm / 9.1 in
A
20 mm / 0.8 in
B
43 mm / 1.7 in
C
27 mm / 1.1 in
Approx. weight
1.4 kg / 3.1 lbs
More information
Manual
Video
Video Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com