Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE-CS1T Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-CS1T
Description  Force Gage PCE-CS 1T
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CS1T Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-CS1T Datasheet HTML 1Page - PCE Instruments. PCE-CS1T Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Force Gage PCE-CS 1T
Force gage with a measuring range of 0 ... 1000 kg / Backlit LC display / Battery operation / Robust metal housing / "Hold", "Tare"
and "MAX" functions / Various mass units / Optionally with ISO calibration certificate
The force gage has a measuring range of 0 … 1000 kg / 2204 lb and a resolution of 0.1 kg. With an accuracy of 1% of the measuring range, the
crane scale is also a precise measuring device. This is why the crane scale is used, for example, when weighing raw materials. The backlit LC
display on the digital crane scale has a digit height of 30 mm and can be easily read from a large distance. In addition to the kg display, the
digital crane scale can also display the attached weight in lb and in N.
The robust metal housing of the force gage allows it to be used in harsh industrial conditions. The crane scale is operated by three 1.5 V AA
batteries. Only the largest weighed load is displayed and held via the "MAX" function of the crane scale. With the "tare" function, the displayed
measured value on the crane scale can be zeroed. This function comes into action when, for example, measuring equipment is attached. The
"Hold" function of the crane scale enables a displayed measured value to be held. PCE Instruments optionally offers an ISO calibration
certificate for the crane scale.
Measuring range 0 ... 1000 kg / 2204 lb
Adjustable units kg, lb, N
"Hold", "Tare" and "MAX" functions
Optionally with ISO calibration certificate
Backlight
Robust metal housing


Similar Part No. - PCE-CS1T

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-CS1T-ICA PCE-PCE-CS1T-ICA Datasheet
1Mb / 2P
Crane Scale PCE-CS 1T-ICA incl. ISO CalibrationCertificate
PCE-CS1TICA PCE-PCE-CS1TICA Datasheet
1Mb / 2P
Crane Scale PCE-CS 1T-ICA incl. ISO CalibrationCertificate
More results

Similar Description - PCE-CS1T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
141PC01G ETC1-141PC01G Datasheet
515Kb / 4P
Absolute, Differential, Gage, Vacuum Gage/Amplified
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
Honeywell Solid State E...
24PCBFA6G HONEYWELL-24PCBFA6G Datasheet
230Kb / 3P
Vacuum Gage
163PC01D75 HONEYWELL-163PC01D75 Datasheet
507Kb / 5P
Pressure Sensors Low Pressure Differential, Gage, Vacuum Gage/Amplified
logo
Red Lion Controls. Inc
GMSG REDLION-GMSG Datasheet
473Kb / 2P
Strain Gage Module
logo
TE Connectivity Ltd
86C TEC-86C Datasheet
170Kb / 5P
Absolute and Gage
logo
Mini-Circuits
ACUDIAL-SMA MINI-ACUDIAL-SMA Datasheet
230Kb / 2P
SMA Connector Gage Kit
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com