Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM908E624ACEW/R2 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MM908E624ACEW/R2
Description  Integrated Triple High-Side Switch with Embedded MCU and LIN Serial Communication for Relay Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM908E624ACEW/R2 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MM908E624ACEW/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MM908E624ACEW/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
908E624
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
WINDOW WATCHDOG CONFIGURATION TERMINAL (WDCONF)
External Resistor Range
REXT
10
—
100
k
Ω
Watchdog Period Accuracy with External Resistor
(Excluding Resistor Accuracy) (13)
WDCACC
-15
—
15
%
LIN PHYSICAL LAYER
LIN Transceiver Output Voltage
Recessive State, TXD HIGH, IOUT = 1.0 µA
Dominant State, TXD LOW, 500
Ω External Pullup Resistor
VLIN_REC
VLIN_DOM
VSUP-1
—
—
—
—
1.4
V
Normal Mode Pullup Resistor to VSUP
RPU
20
30
60
k
Ω
Stop, Sleep Mode Pullup Current Source
IPU
—2.0
—
µA
Output Current Shutdown Threshold
IOV-CUR
50
75
150
mA
Leakage Current to GND
VSUP Disconnected, VBUS at 18 V
Recessive State, 8.0 V
≤ VSUP ≤ 18 V, 8.0 V≤ VBUS ≤ 18 V, VBUS ≥ VSUP
GND Disconnected, VGND = VSUP, VBUS at -18 V
IBUS
—
0.0
-1.0
1.0
3.0
—
10
20
1.0
µA
LIN Receiver
Receiver Threshold Dominant
Receiver Threshold Recessive
Receiver Threshold Center
Receiver Threshold Hysteresis
VBUS_DOM
VBUS_REC
VBUS_CNT
VBUS_HYS
—
0.6
0.475
—
—
—
0.5
—
0.4
—
0.525
0.175
VSUP
Notes
13.
Watchdog timing period calculation formula: PWD = 0.991 * REXT+0.648 (REXT in kΩ and PWD in ms).
Table 3. Static Electrical Characteristics (continued)
All characteristics are for the analog chip only. Refer to the 68HC908EY16 data sheet for characteristics of the microcontroller
chip. Characteristics noted under conditions 9.0 V ≤ VSUP ≤ 16 V, -40°C ≤ TJ ≤ 125°C unless otherwise noted. Typical values
noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com