Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC33580BAPNA/R2 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC33580BAPNA/R2
Description  Quad High-Side Switch (Quad 15 m??
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33580BAPNA/R2 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC33580BAPNA/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33580BAPNA/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33580BAPNA/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33580BAPNA/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33580BAPNA/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33580BAPNA/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33580BAPNA/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33580BAPNA/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33580BAPNA/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33580
ELECTRICAL CHARACTERISTICS
STATIC ELECTICAL CHARACTERISTICS
CONTROL INTERFACE (SCLK, SI, SO, IN[0:3], RST, WAKE, FS, CS, FSI) (continued)
FSI Input pin External Pulldown Resistance (18)
FSI Disabled, HS[0:3] state according to direct inputs state and SPI
INx_SPI bits and A/O_s bit
FSI Enabled, HS[0:3] OFF
FSI Enabled, HS0 ON, HS[1:3] OFF
FSI Enabled, HS0 and HS2 ON, HS1 and HS3 OFF
RFS
–
6.0
15
40
0
6.5
17
Infinite
1.0
7.0
19
–
kohms
Temperature Feedback
TA = 25°C
TFeed
3.8
3.9
4.0
V
Temperature Feedback Derating
DTFeed
-7.2
-7.5
-7.8
mV/°C
Notes
18.
The selection of the RFS must take into consideration the tolerance, temperature coefficient and lifetime duration to assure that the
resistance value will always be within the desired (specified) range.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
≤ VPWR ≤ 27 V, 4.5 V ≤ VDD ≤ 5.5 V, -40°C ≤ TA ≤ 125°C, GND = 0 V unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com