Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BES02JZ Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BES02JZ
Description  Inductive Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES02JZ Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES02JZ Datasheet HTML 1Page - Balluff Korea Ltd. BES02JZ Datasheet HTML 2Page - Balluff Korea Ltd. BES02JZ Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inductive Sensors
BES M12MF1-PSC30A-S04G-W
Order Code: BES02JZ
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 290993
ETIM 6.0: EC002714
BES02JZ_0.46_2024-01-03
2 / 3
Interface
Switching output
PNP normally open (NO)
Material
Housing material
Brass, PTFE coated
Material sensing surface
LCP/PTFE
Mechanical data
Dimension
Ø 12 x 50 mm
Installation
for flush mounting
Size
M12x1
Tightening torque
10 Nm
Range/Distance
Assured operating distance Sa
2.4 mm
Hysteresis H max. (% of Sr)
15.0 %
Rated operating distance Sn
3 mm
Real switching distance sr
3 mm
Repeat accuracy max. (% of Sr)
5.0 %
Switching distance marking
■■
Temperature drift max. (% of Sr)
10 %
Tolerance Sr
±10 %
Remarks
The sensor is functional again after the overload has been eliminated.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com