Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF84C81 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF84C81
Description  Telecom microcontroller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF84C81 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF84C81 Datasheet HTML 7Page - NXP Semiconductors PCF84C81 Datasheet HTML 8Page - NXP Semiconductors PCF84C81 Datasheet HTML 9Page - NXP Semiconductors PCF84C81 Datasheet HTML 10Page - NXP Semiconductors PCF84C81 Datasheet HTML 11Page - NXP Semiconductors PCF84C81 Datasheet HTML 12Page - NXP Semiconductors PCF84C81 Datasheet HTML 13Page - NXP Semiconductors PCF84C81 Datasheet HTML 14Page - NXP Semiconductors PCF84C81 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1998 Apr 20
11
Philips Semiconductors
Product specification
Telecom microcontroller
PCF84C81A
12 AC CHARACTERISTICS
VDD = 2.5 to 5.5 V; VSS = 0 V; Tamb = −40 to +85 °C; all voltages with respect to VSS; unless otherwise specified.
Table 2
I2C-bus timing (see Figs 15 and 16)
Notes
1. DF stands for Division Factor: the divisor of fxtal (see the “PCF84CxxxA family” data sheet).
2. Values given for ASC = 0; for ASC = 1: tHIGH =; tLOW =
3. Determined by I2C-bus capacitance (Cb) and external pull-up resistor.
4. At maximum allowed I2C-bus capacitance Cb = 400 pF.
5. Determined by program.
6. If tLOW <, tSU:DAT ≥
, independent of ASC.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
tr
rise time all outputs
VDD = 5 V; Tamb =25 °C; CL =50pF
−
30
−
ns
tf
fall time all outputs
VDD = 5 V; Tamb =25 °C; CL =50pF
−
30
−
ns
fxtal
clock frequency
see Fig.3
1
−
16
MHz
SYMBOL
PARAMETER
INPUT
(see Fig.14)
OUTPUT
(see Fig.15; note 1)
SCLK
tHD;STA
START condition hold time
tLOW
SCLK LOW time
; note 2
tHIGH
SCLK HIGH time
; note 2
tRC
SCLK rise time
≤1 µs
≤1 µs; note 3
tFC
SCLK fall time
≤0.3 µs
≤0.1 µs; note 4
SDA
tBUF
bus free time
≥ 4.7 µs; note 5
tSU;DAT
data set-up time
≥ 250 ns
; note 6
tHD;DAT
data hold time
≥ 0
tRD
SDA/P2.3 rise time
≤1 µs
≤1 µs; note 3
tFD
SDA/P2.3 fall time
≤0.3 µs
≤0.1 µs; note 4
tSU;STO
STOP condition set-up time
14
f
xtal
--------
≥
DF
9
+
2f
xtal
×
------------------
17
f
xtal
--------
≥
DF
3
–
2f
xtal
×
------------------
17
f
xtal
--------
≥
DF
3
+
2f
xtal
×
------------------
14
f
xtal
--------
≥
15
f
xtal
--------
≥
9
f
xtal
--------
≥
14
f
xtal
--------
≥
DF
3
–
2f
xtal
×
------------------
3DF
1
+
()
4f
xtal
×
----------------------------
DF
3
–
4f
xtal
×
------------------
24
f
xtal
--------
t
LOW
9
–
f
xtal
---------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com