Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8549 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF8549
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8549 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF8549 Datasheet HTML 13Page - NXP Semiconductors PCF8549 Datasheet HTML 14Page - NXP Semiconductors PCF8549 Datasheet HTML 15Page - NXP Semiconductors PCF8549 Datasheet HTML 16Page - NXP Semiconductors PCF8549 Datasheet HTML 17Page - NXP Semiconductors PCF8549 Datasheet HTML 18Page - NXP Semiconductors PCF8549 Datasheet HTML 19Page - NXP Semiconductors PCF8549 Datasheet HTML 20Page - NXP Semiconductors PCF8549 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
1997 Nov 21
17
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8549
PCF8549 (see Fig.14). The coefficients are selected by the two bits TC[1 : 0]. Table 6 shows the typical values of the
different temperature coefficients. The coefficients are proportional to the programmed VLCD.
Bias value:
The bias voltage levels are set in the ratio of R
− R − nR − R − R giving a
bias system. The resulting bias levels
are shown in table 5.
Different multiplex rates require different factors n (see Table 4). This is programmed by BS[2 : 0]. For MUX 1 : 65 the
optimum bias value n is given by:
resulting in 1
⁄9bias.
Table 4
Programming the required Bias system
BS[2]
BS[1]
BS[0]
n
b (RES. COUNT)
MUX RATE
0007
11
1 : 100
0016
10
1 : 81
0105
9
1 : 64
0114
8
1 : 49
1003
7
1 : 36
Fig.14 Temperature coefficients.
16oC(typ)
VLCD
temperature
1
n4
+
-------------
nm
3
–
65
3
–
5.06
5
==
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com