Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSU2000ADC Datasheet(PDF) 2 Page - Advanced Energy Industries, Inc.

Part # CSU2000ADC
Description  2000 Watts Distributed Power System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANCEDENERGY [Advanced Energy Industries, Inc.]
Direct Link  https://www.advancedenergy.com/ko-kr/
Logo ADVANCEDENERGY - Advanced Energy Industries, Inc.

CSU2000ADC Datasheet(HTML) 2 Page - Advanced Energy Industries, Inc.

  CSU2000ADC Datasheet HTML 1Page - Advanced Energy Industries, Inc. CSU2000ADC Datasheet HTML 2Page - Advanced Energy Industries, Inc. CSU2000ADC Datasheet HTML 3Page - Advanced Energy Industries, Inc. CSU2000ADC Datasheet HTML 4Page - Advanced Energy Industries, Inc. CSU2000ADC Datasheet HTML 5Page - Advanced Energy Industries, Inc. CSU2000ADC Datasheet HTML 6Page - Advanced Energy Industries, Inc. CSU2000ADC Datasheet HTML 7Page - Advanced Energy Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
advancedenergy.com
CSU2000ADC
ELECTRICAL SPECIFICATIONS
Input
Input range
-40 to -72 VDC
Efficiency
94% peak
Max input current
65 A at -40 VDC input
Inrush current
ETSI 300 132-2 Annex C
Conducted EMI
Class A
Radiated EMI
Class A
Hold-up time
2.4 ms minimum at full load
Output
Main DC Output
Standby DC Output
MIN
NOM
MAX
MIN
NOM
MAX
Nominal setting
(12 V / 1 A, 12 Vsb / 0 A)
11.8 V
12.2 V
12.6 V
11.4 V
12.0 V
12.6 V
Total output regulation range
11.6 V
12.8 V
11.4 V
12.6 V
Dynamic load regulation range1
11.6 V
12.8 V
11.4 V
12.6 V
Output ripple
120 mV
120 mV
Output current
1 A
163.9 A
0 A
3.5 A
Current sharing
Within ±6% @ full load rating
N/A
Capacitive loading
2000 µF
50000 µF
47 µF
3100 µF
Start-up from AC to output
3000 ms
1500 ms
Note 1 - Dymanic load step for main output: 60% rated load step, 0.5 A/µs slew rate; 2000 µF / 1 A min
Dymanic load step for standby output: 50% rated load step, 0.5 A/µs slew rate; 100 µF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com