Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1707124 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1707124
Description  GMKDSN 1,5/11-7,62 - PCB terminal block
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1707124 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1707124 Datasheet HTML 1Page - PHOENIX CONTACT 1707124 Datasheet HTML 2Page - PHOENIX CONTACT 1707124 Datasheet HTML 3Page - PHOENIX CONTACT 1707124 Datasheet HTML 4Page - PHOENIX CONTACT 1707124 Datasheet HTML 5Page - PHOENIX CONTACT 1707124 Datasheet HTML 6Page - PHOENIX CONTACT 1707124 Datasheet HTML 7Page - PHOENIX CONTACT 1707124 Datasheet HTML 8Page - PHOENIX CONTACT 1707124 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB terminal block, nominal current: 16 A, rated voltage (III/2): 630 V, nominal cross section: 1.5
mm2, number of potentials: 11, number of rows: 1, number of positions per row: 11, product
range: GMKDSN 1,5, pitch: 7.62 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °,
color: green, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per
potential: 1, type of packaging: packed in cardboard. The article can be aligned to create
different nos. of positions!
Your advantages
Well-known connection principle allows worldwide use
Low temperature rise, thanks to maximum contact force
Allows connection of two conductors
Extremely small design for the respective conductor cross section
Larger pitch for increased voltage requirements
The latching on the side enables various numbers of positions to be combined
Commercial data
Item number
1707124
Packing unit
20 pc
Minimum order quantity
20 pc
Note
Made to order (non-returnable)
Product key
AALFHA
Catalog page
Page 119 (C-1-2013)
GTIN
4017918023454
Weight per piece (including packing)
11.798 g
Weight per piece (excluding packing)
10.4 g
Country of origin
DE
GMKDSN 1,5/11-7,62 - PCB terminal block
1707124
https://www.phoenixcontact.com/us/products/1707124
Mar 11, 2024, 5:58 AM
Page 1 (11)


Similar Part No. - 1707124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17071-2-05S ETC2-17071-2-05S Datasheet
168Kb / 3P
NEMA 17 Stepper Gearmotor
17071-2-10S ETC2-17071-2-10S Datasheet
168Kb / 3P
NEMA 17 Stepper Gearmotor
17071-2-18S ETC2-17071-2-18S Datasheet
168Kb / 3P
NEMA 17 Stepper Gearmotor
logo
PHOENIX CONTACT
1707104 PHOENIX-1707104 Datasheet
80Kb / 4P
Base strip - MCV 1,5/12-G-3,81 P14 THR
1707108 PHOENIX-1707108 Datasheet
435Kb / 11P
GMKDSN 1,5/ 9-7,62 - PCB terminal block
More results

Similar Description - 1707124

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1707027 PHOENIX-1707027 Datasheet
80Kb / 5P
PCB terminal block - GMKDSN 1,5/ 2-7,62
1707030 PHOENIX-1707030 Datasheet
126Kb / 6P
PCB terminal block - GMKDSN 1,5/ 3-7,62
1707043 PHOENIX-1707043 Datasheet
82Kb / 6P
PCB terminal block - GMKDSN 1,5/ 4-7,62
1707069 PHOENIX-1707069 Datasheet
103Kb / 5P
PCB terminal block - GMKDSN 1,5/ 6-7,62
1707072 PHOENIX-1707072 Datasheet
103Kb / 5P
PCB terminal block - GMKDSN 1,5/ 7-7,62
1707085 PHOENIX-1707085 Datasheet
135Kb / 5P
GMKDSN 1,5/ 8-7,62
1729102 PHOENIX-1729102 Datasheet
150Kb / 8P
PCB terminal block - MKDSN 1,5/11
1730104 PHOENIX-1730104 Datasheet
77Kb / 5P
PCB terminal block - MKDSP 1,5/11
1869156 PHOENIX-1869156 Datasheet
75Kb / 5P
PCB terminal block - SMKDSN 1,5/11
1718951 PHOENIX-1718951 Datasheet
502Kb / 13P
MKDS 1,5/11 - PCB terminal block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com