Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCK2001 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCK2001
Description  14.318-150 MHz I2C 1:18 Clock Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2001 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCK2001 Datasheet HTML 5Page - NXP Semiconductors PCK2001 Datasheet HTML 6Page - NXP Semiconductors PCK2001 Datasheet HTML 7Page - NXP Semiconductors PCK2001 Datasheet HTML 8Page - NXP Semiconductors PCK2001 Datasheet HTML 9Page - NXP Semiconductors PCK2001 Datasheet HTML 10Page - NXP Semiconductors PCK2001 Datasheet HTML 11Page - NXP Semiconductors PCK2001 Datasheet HTML 12Page - NXP Semiconductors PCK2001 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Philips Semiconductors
Product specification
PCK2001
14.318–150 MHz I2C 1:18 Clock Buffer
1999 Jul 06
11
AC WAVEFORMS
VM = 1.5V
VX = VOL + 0.3V
VY = VOH –0.3V
VOL and VOH are the typical output voltage drop that occur with the
output load.
BUF_IN
INPUT
VM
tPLH
tPHL
BUF_OUT
VM
VM
VM
SW00246
VDD
Figure 1. Load circuitry for switching times.
tPLZ
tPZL
VI
nOE INPUT
GND
VDD
OUTPUT
LOW-to-OFF
OFF-to-LOW
VOL
VOH
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
VSS
outputs
enabled
outputs
enabled
outputs
disabled
tPHZ
VM
VM
VM
tPZH
VX
VY
SW00245
VDD
Figure 2. 3-State enable and disable times
DUTY CYCLE
TSDKP
TSDKH
TSDRISE
TSDFALL
TSDKL
2.4
1.5
0.4
SW00247
Figure 3. Buffer Output clock
DUTY CYCLE
tkp
tkh
tr
tf
tkl
2.4
1.5
0.4
SW00479
Figure 4. SDRAM Output clock
TEST CIRCUIT
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
VDD
TEST
S1
tPLH/tPHL
Open
tPLZ/tPZL
2
<VDD
tPHZ/tPZH
VSS
Open
VSS
S1
2
<VDD
500
Ω
500
Ω
SW00251
Figure 5. Load circuitry for switching times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com