Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZR431L Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZR431L
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZR431L Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZR431L_03 Datasheet HTML 1Page - Zetex Semiconductors ZR431L_03 Datasheet HTML 2Page - Zetex Semiconductors ZR431L_03 Datasheet HTML 3Page - Zetex Semiconductors ZR431L_03 Datasheet HTML 4Page - Zetex Semiconductors ZR431L_03 Datasheet HTML 5Page - Zetex Semiconductors ZR431L_03 Datasheet HTML 6Page - Zetex Semiconductors ZR431L_03 Datasheet HTML 7Page - Zetex Semiconductors ZR431L_03 Datasheet HTML 8Page - Zetex Semiconductors ZR431L_03 Datasheet HTML 9Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ZR431L
SEMICO NDUC TORS
ISSUE 2 - AUGUST 2003
2
PARAMETER
MIN.
MAX.
Cathode Voltage
VREF
10V
Cathode Current
100 A
25mA
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
LIMIT
UNIT
Cathode Voltage
VZ
10
V
Cathode Current
50
mA
Operating Temperature
TOMP
-40 to 85
°C
Storage Temperature
TSTG
-55 to 125
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE
VALUE
UNIT
SOT23
330
mW
TO92
600
mW
POWER DISSIPATION (at Tamb = 25°C unless otherwise stated)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com