Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC4E Datasheet(PDF) 28 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # XC4E
Description  HARDWARE MANUAL
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

XC4E Datasheet(HTML) 28 Page - AEROTECH US. ALL RIGHTS RESERVED.

Back Button XC4E Datasheet HTML 24Page - AEROTECH US. ALL RIGHTS RESERVED. XC4E Datasheet HTML 25Page - AEROTECH US. ALL RIGHTS RESERVED. XC4E Datasheet HTML 26Page - AEROTECH US. ALL RIGHTS RESERVED. XC4E Datasheet HTML 27Page - AEROTECH US. ALL RIGHTS RESERVED. XC4E Datasheet HTML 28Page - AEROTECH US. ALL RIGHTS RESERVED. XC4E Datasheet HTML 29Page - AEROTECH US. ALL RIGHTS RESERVED. XC4E Datasheet HTML 30Page - AEROTECH US. ALL RIGHTS RESERVED. XC4E Datasheet HTML 31Page - AEROTECH US. ALL RIGHTS RESERVED. XC4E Datasheet HTML 32Page - AEROTECH US. ALL RIGHTS RESERVED. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 116 page
background image
Chapter 2: Installation and Configuration
XC4e Hardware Manual
2.1.2. Motor Supply Connector
Motor power is applied to the AC1 and AC2 terminals of the XC4e Motor Supply connector. The XC4e10
AC1 input is internally connected to a 5 A fuse. The XC4e20/30 AC1 input is internally connected to a 10 A
fuse. Refer to Table 5-2 for the internal fuse part numbers. The AC2 input is not internally fused. An external
fuse is required if AC2 is not connected to Neutral.
DANGER: Before you operate the XC4e, install a ground connection for your safety and to
prevent damage to the equipment.
For CE compliance, Aerotech recommends that you use an AC line filter. Connect the filter as close as
possible to the drive. For more information about the AC line filter, refer to Section 2.1.4.
NOTE: Refer to local electrical safety requirements to correctly size external system wires.
Figure 2-2:
Motor Supply Connections
Table 2-3:
Motor Supply Connector Wiring Specifications
Pin
Description
Recommended Wire Size
AC1
0-240 VAC Motor Power Input
0.5 mm2 (#20 AWG)
AC2
Neutral (N) or 240 VAC Motor Power Input with external fuse
0.5 mm2 (#20 AWG)
Protective Ground
0.5 mm2 (#20 AWG)
Table 2-4:
Mating Connector Part Numbers for the Motor Supply Connector
Type
Aerotech P/N
Third Party P/N
Screw Torque
Value: Nm
Wire Size:
mm2[AWG]
7-Pin Terminal Block
ECK02387
Phoenix 1756353
0.5 - 0.6
3.3 - 0.0516 [12-30]
28
www.aerotech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com