Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XN-4P-RKMT299 Datasheet(PDF) 4 Page - Extreme Networks.

Part # XN-4P-RKMT299
Description  Universal Edge and Aggregation Switch Platform
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-4P-RKMT299 Datasheet(HTML) 4 Page - Extreme Networks.

  XN-4P-RKMT299 Datasheet HTML 1Page - Extreme Networks. XN-4P-RKMT299 Datasheet HTML 2Page - Extreme Networks. XN-4P-RKMT299 Datasheet HTML 3Page - Extreme Networks. XN-4P-RKMT299 Datasheet HTML 4Page - Extreme Networks. XN-4P-RKMT299 Datasheet HTML 5Page - Extreme Networks. XN-4P-RKMT299 Datasheet HTML 6Page - Extreme Networks. XN-4P-RKMT299 Datasheet HTML 7Page - Extreme Networks. XN-4P-RKMT299 Datasheet HTML 8Page - Extreme Networks. XN-4P-RKMT299 Datasheet HTML 9Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Performance and Scale
Switch
Model
Max Active
100Mb/1Gb/
2.5Gb/5Gb
ports
Max Active
100Mb/1Gb/
2.5Gb/5Gb/
10Gb ports
Max Active
10Gb SFP+
ports1
Max Active
25Gb SFP28
ports1
Max Active
40Gb
QSFP+
ports2
Max Active
50Gb ports3
Max Active
100Gb
QSFP28
ports2
Max Active
100Gb
Stacking
ports4
Aggregated
Switch
Bandwidth
Frame
Forwarding
Rate
5720-24
MW
24
0
16
16
2
4
4
2
1040Gbps
774mpps
5720-4
8MW
48
0
16
16
2
4
4
2
1280Gbps
810mpps
5720-24
MXW
0
24
16
16
2
4
4
2
1280Gbps
810mpps
5720-4
8MXW
0
48
16
16
2
4
4
2
1760Gbps
810mpps
1 When stacking is enabled, 8 of the 10Gb SFP+ and 8 of the 25Gb SFP28 ports are unavailable.
2 When stacking is enabled, 2 of the 40Gb QSFP+ ports and 2 of the 100Gb ports are unavailable.
3 50Gb available only in Switch Engine mode via the two integrated stacking/QSFP28 ports; when stacking is enabled, the 50Gb ports
are unavailable as uplinks.
4 Stacking supported in Switch Engine mode only. Stacking ports can also run at 50Gb in support of cross-stacking with the 5520.
Software Scaling Values
5720-MXW (24 and 48-port) with Switch Engine
• MAC Table: 294,000
• IPv4 ARP Table: 172,000
• IPv4 Route Table: 294,000
• IP Multicast Entries (S,G,V): 110,000
• IPv6 Neighbor Table: 78,000
• IPv6 Route Table: 218,000
• ACLs (Ingress/Egress): 38,864/2,048
• QoS Egress Queues/Port: 8
• VLANs: 4,094
• Routed VLANS: 4,094
One Policy Scaling
• Policy Profiles: 63
• Unique permit/deny rules per switch: 16,312
5720-MW (24 and 48-port) with Switch Engine
• MAC Table: 163,000
• IPv4 ARP Table: 80,000
• IPv4 Route Table: 166,000
• IP Multicast Entries (S,G,V): 61,000
• IPv6 Neighbor Table: 24,000
• IPv6 Route Table: 109,000
• ACLs (Ingress/Egress): 18,432/2,048
• QoS Egress Queues/Port: 8
• VLANs: 4,094
• Routed VLANS: 4,094
One Policy Scaling
• Policy Profiles: 63
• Unique permit/deny rules per switch: 12,216
5720-MXW (24 and 48-port) with Fabric Engine
• MAC Table: 164,000
• IPv4 ARP Table: 65,536
• IPv4 Route Table: 24,576
• IP Multicast Entries (S,G,V): 6,000
• IPv6 Neighbor Table: 32,768
• IPv6 Route Table: 12,288
• ACLs (Ingress/Egress): 8,192/6,144
• QoS Egress Queues/Port: 8
• VLANs: 4,059
• Routed VLANS: 1,000
5720-MW (24 and 48-port) with Fabric Engine
• MAC Table: 100,000
• IPv4 ARP Table: 24,600
• IPv4 Route Table: 16,384
• IP Multicast Entries (S,G,V): 6,000
• IPv6 Neighbor Table: 24,576
www.extremenetworks.com
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com