Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

METAL-WIPES Datasheet(PDF) 1 Page - Chip Quik Inc.

Part # METAL-WIPES
Description  Metal Chelating Wipes (IPA/Water/Chelating Agent Lint-Free) 100 wipes, 9"x6.1" each
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPQUIK [Chip Quik Inc.]
Direct Link  https://www.chipquik.com/
Logo CHIPQUIK - Chip Quik Inc.

METAL-WIPES Datasheet(HTML) 1 Page - Chip Quik Inc.

  METAL-WIPES Datasheet HTML 1Page - Chip Quik Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Datasheet revision 1.0
www.chipquik.com
Metal Chelating Wipes (IPA/Water/Chelating Agent Lint-Free)
100 wipes, 9"x6.1" each
Product Highlights
Metal Chelating Wipes
Helps remove metal from surfaces and skin by forming
water-soluble metal-citrate compounds with metals present
to allow them to be wiped off
RoHS 3 and REACH compliant
Specifications
Formula:
70% IPA / 30% Deionized Water + Chelating Agent
Packaging:
Cannister (100 Lint-Free Saturated Wipes, 9" x 6.1" (23cm x 15.5cm)
Net Liquid Weight Saturated into Wipes:
550g
Shelf Life
Refrigerated >24 months, Unrefrigerated >24 months
Storage and Handling
Store refrigerated or at room temperature 3-25°C (37-77°F). Do not freeze.
Transportation
Flammable. Ground Shipping Only. Shipping below 0°C (32°F) or above 25°C (77°F) for normal transit times by ground or
air will not impact this product’s stated shelf life.
Conforms to the following Industry Standards:
RoHS 3 Directive (EU) 2015/863:
Yes
1
© 1994-2023 Chip Quik® Inc.
M
ME
ET
TA
AL
L--W
WIIP
PE
ES
S


Similar Part No. - METAL-WIPES

ManufacturerPart #DatasheetDescription
logo
Chip Quik Inc.
METAL-WIPES-ANTISTATIC CHIPQUIK-METAL-WIPES-ANTISTATIC Datasheet
218Kb / 1P
Metal Chelating Wipes Anti-Static (IPA/Water/Chelating Agent/Anti-Static Agent Lint-Free) - 100 wipes, 9"x6.1" each
revision 1.0
More results

Similar Description - METAL-WIPES

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
PDRP-1002 SYSTEMSENSOR-PDRP-1002 Datasheet
931Kb / 44P
Agent Release Control System
logo
List of Unclassifed Man...
10600 ETC2-10600 Datasheet
229Kb / 6P
Application Instructions Reztore Static-Wipes
HR6-12-T2 ETC2-HR6-12-T2 Datasheet
161Kb / 1P
Maintenance free(no water topping-up required).
logo
B. B. Battery Co., Ltd.
BP33-12S BB-BATTERY-BP33-12S Datasheet
164Kb / 1P
Maintenance free(no water topping-up required)
BP35-12F BB-BATTERY-BP35-12F Datasheet
179Kb / 1P
Maintenance free(no water topping-up required)
BP35-12H BB-BATTERY-BP35-12H Datasheet
199Kb / 1P
Maintenance free(no water topping-up required)
BP35-12S BB-BATTERY-BP35-12S Datasheet
163Kb / 1P
Maintenance free(no water topping-up required)
logo
Gamewell-FCI by Honeywe...
FGF506R GAMEWELL-FCI-FGF506R Datasheet
70Kb / 4P
Agent Release Control Panel
logo
PHOENIX CONTACT
2701135 PHOENIX-2701135 Datasheet
49Kb / 2P
License - FL SNMP OPC AGENT V3 LIC 100
logo
Ultralife Corporation.
UB0009 ULTRALIFE-UB0009 Datasheet
424Kb / 2P
Chemical agent monitors
Rev: F
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com