Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM402 Datasheet(PDF) 7 Page - Analog Microelectronics GmbH

Part # AM402
Description  CURRENT CONVERTER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AM402 Datasheet(HTML) 7 Page - Analog Microelectronics GmbH

  AM402 Datasheet HTML 1Page - Analog Microelectronics GmbH AM402 Datasheet HTML 2Page - Analog Microelectronics GmbH AM402 Datasheet HTML 3Page - Analog Microelectronics GmbH AM402 Datasheet HTML 4Page - Analog Microelectronics GmbH AM402 Datasheet HTML 5Page - Analog Microelectronics GmbH AM402 Datasheet HTML 6Page - Analog Microelectronics GmbH AM402 Datasheet HTML 7Page - Analog Microelectronics GmbH AM402 Datasheet HTML 8Page - Analog Microelectronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CURRENT CONVERTER IC
AM402
analog microelectronics
April 99
7/8
TYPICAL THREE–WIRE APPLICATION (0/4–20mA)
Used in a three–wire circuit, pin 2 (VCC) is connected to pin 1 (RS+) and ground pin 14 (GND) is
connected to Ground (Figure 7). The Gain GIA is adjusted by external resistors R1 and R2 and can be
calculated by
1
1
2
1
2
1
=
+
=
IA
IA
G
R
R
R
R
G
Hence, the transfer–function of the output current IOUT becomes
SET
IA
IN
OUT
I
R
G
V
I
+
=
0
with the current ISET adjusted by external resistors R3 and R4.
I
V
R
R
RR
R
R
V
RI
SET
REF
REF
SET
=⋅
+
⇒=
22
1
0
4
34
3
40
The supply voltage must be chosen with respect to the load resistor RL described by the following
equation
VI
R
SOUTmax
L
≥+6V
Example 1: Output current range 4...20mA
The values of the external devices ( V
IN = 050
K mV , VREF =5V ,
8
=
IA
G
) are as follows
R0 = 25
R1 = 33k
R2 = 4.7k
R3 = 100k
R4 = 0...5k
R5 = 40
RL = 0...500
C1 = 2.2
µF
Example 2: Output current range 0...20mA
The values of the external devices ( V
IN = 0
250
K
mV , V
REF = 5V ,
2
=
IA
G
) are as follows
R0 = 25
R1 = 22k
R2 = 22k
R5 = 40
R3, R4 not used (SET = GND)
RL = 0...500
C1 = 2.2
µF
8
9
10
11
12
13
16
1
2
3
5
7
14
C
1
R
2
R
1
V
REF
R
0
V
S
V
IN
R
5
I
OUT
D
1
T
1
R
L
R
3
R
4
AM 402
5/10 V reference
IA
V
I
Ground
Figure 7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com