Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CX3C2 Datasheet(PDF) 1 Page - Belden Inc.

Part # CX3C2
Description  CX3C2 - Broadband Coax 3, 8 AWG Solid BC, Foil 60% BC Braid, LSZH Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

CX3C2 Datasheet(HTML) 1 Page - Belden Inc.

  CX3C2 Datasheet HTML 1Page - Belden Inc. CX3C2 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: CX3C2
CX3C2 - Broadband Coax 3, 8 AWG Solid BC, Foil + 60% BC Braid, LSZH Jkt
Product Description
Broadband Coax 3, 8 AWG Solid Bare Copper Conductor, PE Insulation, Copper Foil + 60% Bare Copper Braid Shield, LSZH Jacket.
Technical Specifications
Product Overview
Suitable Applications:
Broadband, Cable Television (CATV)
Construction Details
Series Type:
CATV-Trunk Type
Conductor
No. of Elements
Size
Stranding Nom. Diameter
Material
1
8 AWG Solid
3.38 mm
BC - Bare Copper
Insulation
Element
Material
Nom. Insulation Diameter
Insulated Conductor PE - Polyethylene (Foam) 14.9 mm (0.587 in)
Table Notes:
Centricity min. 85%
Outer Shield
Layer Outer Shield Type
Material
Coverage
1
Tape
Bare Copper (BC) 100%
2
Braid
Bare Copper (BC) 55%
Outer Jacket
Material
Nom. Diameter
LSZH - Low Smoke Zero Halogen (Flame Retardant) 19.8 mm
Table Notes:
According to European Standard EN 50290-2-20
Electrical Characteristics
Regularity of Impedance:
Min. 46 dB
Return Loss (RL)
Frequency
Min. Return Loss
5 - 30 MHz
26 dB
30 - 470 MHz
26 dB
470 - 862 MHz
23 dB
862 - 2400 MHz 18 dB
Table Notes:
In each frequency band, 3 peak values up to 4 dB lower are allowed
Attenuation
Frequency Nom. Attenuation
5 MHz
0.4 dB/100m
50 MHz
1.3 dB/100m
100 MHz
1.8 dB/100m


Similar Part No. - CX3C2

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
CX3C0 BELDEN-CX3C0 Datasheet
140Kb / 3P
CX3C0 - Broadband Coax 3, 8 AWG Solid BC, Foil 60% BC Braid, PE Jkt
04-08-2022
CX3C0.001050 BELDEN-CX3C0.001050 Datasheet
140Kb / 3P
CX3C0 - Broadband Coax 3, 8 AWG Solid BC, Foil 60% BC Braid, PE Jkt
04-08-2022
CX3C0.00700 BELDEN-CX3C0.00700 Datasheet
140Kb / 3P
CX3C0 - Broadband Coax 3, 8 AWG Solid BC, Foil 60% BC Braid, PE Jkt
04-08-2022
CX3C1 BELDEN-CX3C1 Datasheet
132Kb / 2P
CX3C1 - Broadband Coax 3, 8 AWG Solid BC, BC Foil, PE Jkt
04-08-2022
CX3C5 BELDEN-CX3C5 Datasheet
135Kb / 2P
CX3C5 - Broadband Coax 3, 8 AWG Solid BC, Foil 60% BC Braid, HDPE Jkt
03-04-2023
More results

Similar Description - CX3C2

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
179DT BELDEN-179DT Datasheet
242Kb / 3P
Serial Digital Coax, Ultra-miniature, RG179 Type, 28.5 AWG Solid BC, Foil TC Braid, CMR
1505A BELDEN-1505A Datasheet
251Kb / 4P
Serial Digital Coax, RG59, #20 Solid BC, Foil 95% TC Braid, CMR
1695A BELDEN-1695A Datasheet
246Kb / 4P
Serial Digital Coax, RG6, #18 Solid BC, Foil 95% TC braid, CMP
1794A BELDEN-1794A Datasheet
275Kb / 4P
Serial Digital Coax, RG7 Type, #16 Solid BC, Foil 95% TC braid, CMR
1855A BELDEN-1855A Datasheet
247Kb / 4P
Serial Digital Coax, Sub-miniature, #23 Solid BC, Foil 95% TC braid, CMR
7731A BELDEN-7731A Datasheet
247Kb / 4P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMR
7732A BELDEN-7732A Datasheet
240Kb / 3P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMP
7733A BELDEN-7733A Datasheet
145Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8, 10 AWG Solid BC, Foil 90% TC Braid, PVDF Jkt, CMP, Low Loss
04-14-2023
7808A BELDEN-7808A Datasheet
241Kb / 3P
50 Ohm Wireless Transmission Coax, RF 240, RG58X, 15 AWG Solid BC, Foil 95% TC Braid, PE Jkt
12-15-2021
7915A BELDEN-7915A Datasheet
158Kb / 3P
Broadband Coax, Series 6, 18 AWG Solid BC, Tri-Shield, PVC Jkt, CM
04-14-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com