Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDI1394P22 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PDI1394P22
Description  3-port physical layer interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDI1394P22 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PDI1394P22 Datasheet HTML 17Page - NXP Semiconductors PDI1394P22 Datasheet HTML 18Page - NXP Semiconductors PDI1394P22 Datasheet HTML 19Page - NXP Semiconductors PDI1394P22 Datasheet HTML 20Page - NXP Semiconductors PDI1394P22 Datasheet HTML 21Page - NXP Semiconductors PDI1394P22 Datasheet HTML 22Page - NXP Semiconductors PDI1394P22 Datasheet HTML 23Page - NXP Semiconductors PDI1394P22 Datasheet HTML 24Page - NXP Semiconductors PDI1394P22 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Philips Semiconductors
Objective specification
PDI1394P22
3-port physical layer interface
1999 Jul 09
21
For a write register request, the length of the LREQ bit stream is
17 bits as shown in Table 14.
Table 14. Write Register Request
BIT(S)
NAME
DESCRIPTION
0
Start Bit
Indicates the beginning of the transfer
(always 1).
1–3
Request Type
A 101 indicating that this is a write
register request.
4–7
Address
Identifies the address of the PHY
register to be written to.
8–15
Data
Gives the data that is to be written to the
specified register address.
16
Stop Bit
Indicates the end of the transfer
(always 0).
For an acceleration control request, the length of the LREQ data
stream is 6 bits as shown in Table 15.
Table 15. Acceleration Control Request
BIT(S)
NAME
DESCRIPTION
0
Start Bit
Indicates the beginning of the transfer
(always 1).
1–3
Request Type
A 110 indicating this is an acceleration
control request.
4
Control
Asynchronous period arbitration
acceleration is enabled if 1, and
disabled if 0.
5
Stop Bit
Indicates the end of the transfer
(always 0).
For fair or priority access, the LLC sends the bus request (FairReq or
PriReq) at least one clock after the PHY-LLC interface becomes idle. If
the CTL terminals are asserted to the receive state (10b) by the PHY,
then any pending fair or priority request is lost (cleared). Additionally,
the PHY ignores any fair or priority requests if the Receive state is
asserted while the LLC is sending the request. The LLC may then
reissue the request one clock after the next interface idle.
The cycle master node uses priority bus request (PriReq) to send a
cycle start packet. After receiving or transmitting a cycle start
message, the LLC can issue an isochronous bus request (IsoReq).
The PHY will clear an isochronous request only when the bus has
been won.
To send an acknowledge packet, the link must issue an immediate
bus request (ImmReq) during the reception of the packet addressed
to it. This is required in order to minimize the idle gap between the
end of the received packet and the start of the transmitted
acknowledge packet. As soon as the receive packet ends, the PHY
immediately grants control of the bus to the LLC. The LLC sends an
acknowledgment to the sender unless the header CRC of the
received packet is corrupted. In this case, the LLC does not transmit
an acknowledge, but instead cancels the transmit operation and
releases the interface immediately; the LLC must not use this grant
to send another type of packet. After the interface is released, the
LLC may proceed with another request.
The LLC may request only one bus request at a time. Once the LLC
issues any request for bus access (ImmReq, IsoReq, FairReq, or
PriReq), it cannot issue another request until the PHY indicates that
the bus request was “lost” (bus arbitration lost and another packet
received), or “won” (bus arbitration won and the LLC granted
control). The PHY ignores new bus requests while a previous bus
request is pending. All bus requests are cleared upon a bus reset.
For write register requests, the PHY loads the specified data into the
addressed register as soon as the request transfer is complete. For
read register requests, the PHY returns the contents of the
addressed register to the LLC at the next opportunity through a
status transfer. If a received packet interrupts the status transfer,
then the PHY continues to attempt the transfer of the requested
register until it is successful. A write or read register request may be
made at any time, including while a bus request is pending. Once a
read register request is made, the PHY ignores further read register
requests until the register contents are successfully transferred to
the LLC. A bus reset does not clear a pending read register request.
The PDI1394P22 includes several arbitration acceleration
enhancements which allow the PHY to improve bus performance
and throughput by reducing the number and length of inter-packet
gaps. These enhancements include autonomous (fly-by)
isochronous packet concatenation, autonomous fair and priority
packet concatenation onto acknowledge packets, and accelerated
fair and priority request arbitration following acknowledge packets.
Then enhancements are enabled when the EAA bit in PHY
register 5 is set.
The arbitration acceleration enhancements may interfere with the
ability of the cycle master node to transmit the cycle start packet
under certain circumstances. The acceleration control request is
therefore provided to allow the LLC to temporarily enable or disable
the arbitration acceleration enhancements of the PDI1394P22
during the asynchronous period. The LLC typically disables the
enhancements when its internal cycle counter rolls over indicating
that a cycle start packet is imminent, and then re-enables the
enhancements when it receives a cycle start packet. The
acceleration control request may be made at any time, however, and
is immediately serviced by the PHY. Additionally, a bus reset or
isochronous bus request will cause the enhancements to be
re-enabled, if the EAA bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com