Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QPC3024PCK Datasheet(PDF) 5 Page - Qorvo, Inc

Part # QPC3024PCK
Description  75Ω Absorptive High Isolation SPDT Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC3024PCK Datasheet(HTML) 5 Page - Qorvo, Inc

  QPC3024PCK Datasheet HTML 1Page - Qorvo, Inc QPC3024PCK Datasheet HTML 2Page - Qorvo, Inc QPC3024PCK Datasheet HTML 3Page - Qorvo, Inc QPC3024PCK Datasheet HTML 4Page - Qorvo, Inc QPC3024PCK Datasheet HTML 5Page - Qorvo, Inc QPC3024PCK Datasheet HTML 6Page - Qorvo, Inc QPC3024PCK Datasheet HTML 7Page - Qorvo, Inc QPC3024PCK Datasheet HTML 8Page - Qorvo, Inc QPC3024PCK Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
QPC3024
75Ω Absorptive High Isolation SPDT Switch
Data Sheet Rev.C , December 28, 2016 | Subject to change without notice
- 5 of 14 -
www.qorvo.com
®
5-3000 MHz Evaluation Board Schematic (QPC3024PCK)
Ref. Designator
Description
Manufacturer
Part Number
PCB
Evaluation Board PCB
Viasystems
QPC3024-4000
U1
75ohm High Isolation Switch
Qorvo
QPC3024SB
J1, J2, J3, J4, J5
Conn,Type F, Edge Mount, 75 Ω, 0.065"
Genesis Technology
GT20-300204
R1, R2, R3
0 Ω RES, 0402
Panasonic
ERJ-2GE0R00X
P1
Conn, HDR, ST, 5-Pin, T/H
Molex
22-28-4053
C2, C4
100nF 10% X7R 16V CAP, 0402
Murata
GJM1555C1HR20RB12D
C5, C6
0.2pF +/- 0.03pF C0G 50V CAP, 0402
Murata
GRM155R71C104KA88D
C1, C3
DNP
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com