Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

15K1A2139 Datasheet(PDF) 2 Page - CONEC Elektronische Bauelemente GmbH

Part # 15K1A2139
Description  D-SUB Combi. Female 36W4S Solder pin 90° angled metal bracket, hexlocking screw, PCB snap
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

15K1A2139 Datasheet(HTML) 2 Page - CONEC Elektronische Bauelemente GmbH

  15K1A2139 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 15K1A2139 Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
A
B
B
C
C
D
D
E
E
F
F
A
A
B
B
C
C
D
D
15-00574o CONEC ABC
scale
/Maßstab:
25.05.2018
24.05.2018
Schmidt
Name
Lehmenkühler
R
dim. in mm
15K1A2139
dwg no /
Z.-nr.:
RoHS compliant/konform
Date/Datum
appd./
gepr.
drawn/
gez.
DIN-
A3
D-SUB Combi. Female 36W4S Solder pin 90° angled
metal bracket, hexlocking screw, PCB snap
D-SUB Combi. Buchsenleiste 36W4S Lötstift 90° gewinkelt
Metallwinkel, Sechskantschraube, PCB Clip
2:1
Index:
a Original
Status:
InBearbeitung
2 / 2
Frontpanel/Vorderwand
PCB edge/Leiterplattenkante
Recommended
panel cut-out/
empfohlener
Montageausschnitt:
PCB hole drillings
(PCB top side)/
Leiterplattenbohrbild
(Leiterplatten Oberseite):
61,1 `0,1
56,3 `0,1
B
A
i 0,26 A
i 0,26 B
10° `1°
A1
1
75,6 - 0,1
0,3
+
61,1 - 0,11
0,14
+
52,55 - 0,25
0
+
10°
4-40 UNC
4-40 UNC
7,5 `0,3
3,2 `0,2
(5,08)
14 `0,3
5 `0,3
4,8
SW
10,85 - 0,23
0,02
+
61,1 - 0,11
0,14
+
2,77 `0,1
5,54 `0,1
8,28 `0,1
11,05 `0,1
13,82 `0,1
16,56 `0,1
19,33 `0,1
22,1 `0,1
3,2
n
`0,1 (4x)
1,38 `0,1
4,15 `0,1
6,92 `0,1
9,66 `0,1
12,43 `0,1
15,2 `0,1
20,57 `0,1
6,86 `0,1
13,72 `0,1
20,54 `0,1
1
n
- 0
0,1
+
(32x)
3,1
n
`0,1 (2x)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com