Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C8051F340 Datasheet(PDF) 49 Page - Silicon Laboratories

Part # C8051F340
Description  Full Speed USB Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F340 Datasheet(HTML) 49 Page - Silicon Laboratories

Back Button C8051F340 Datasheet HTML 45Page - Silicon Laboratories C8051F340 Datasheet HTML 46Page - Silicon Laboratories C8051F340 Datasheet HTML 47Page - Silicon Laboratories C8051F340 Datasheet HTML 48Page - Silicon Laboratories C8051F340 Datasheet HTML 49Page - Silicon Laboratories C8051F340 Datasheet HTML 50Page - Silicon Laboratories C8051F340 Datasheet HTML 51Page - Silicon Laboratories C8051F340 Datasheet HTML 52Page - Silicon Laboratories C8051F340 Datasheet HTML 53Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 288 page
background image
Rev. 1.0
49
C8051F340/1/2/3/4/5/6/7
5.3.
Modes of Operation
ADC0 has a maximum conversion speed of 200 ksps. The ADC0 conversion clock is a divided version of
the system clock, determined by the AD0SC bits in the ADC0CF register (system clock divided by
(AD0SC + 1) for 0
≤ AD0SC ≤ 31).
5.3.1. Starting a Conversion
A conversion can be initiated in one of five ways, depending on the programmed states of the ADC0 Start
of Conversion Mode bits (AD0CM2–0) in register ADC0CN. Conversions may be initiated by one of the fol-
lowing:
1. Writing a ‘1’ to the AD0BUSY bit of register ADC0CN
2. A Timer 0 overflow (i.e., timed continuous conversions)
3. A Timer 2 overflow
4. A Timer 1 overflow
5. A rising edge on the CNVSTR input signal
6. A Timer 3 overflow
Writing a ‘1’ to AD0BUSY provides software control of ADC0 whereby conversions are performed
"on-demand". During conversion, the AD0BUSY bit is set to logic 1 and reset to logic 0 when the conver-
sion is complete. The falling edge of AD0BUSY triggers an interrupt (when enabled) and sets the ADC0
interrupt flag (AD0INT). Note: When polling for ADC conversion completions, the ADC0 interrupt flag
(AD0INT) should be used. Converted data is available in the ADC0 data registers, ADC0H:ADC0L, when
bit AD0INT is logic 1. Note that when Timer 2 or Timer 3 overflows are used as the conversion source, Low
Byte overflows are used if Timer 2/3 is in 8-bit mode; High byte overflows are used if Timer 2/3 is in 16-bit
mode. See
Section “21. Timers” on page 247 for timer configuration.
Important Note About Using CNVSTR: The CNVSTR input pin also functions as a Port pin. When the
CNVSTR input is used as the ADC0 conversion source, the associated Port pin should be skipped by the
Digital Crossbar. To configure the Crossbar to skip a pin, set the corresponding bit in the PnSKIP register
to ‘1’. See
Section “15. Port Input/Output” on page 151 for details on Port I/O configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com