Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B37830R0220J021 Datasheet(PDF) 5 Page - EPCOS

Part # B37830R0220J021
Description  Multilayer Ceramic Capacitors Array
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37830R0220J021 Datasheet(HTML) 5 Page - EPCOS

  B37830R0220J021 Datasheet HTML 1Page - EPCOS B37830R0220J021 Datasheet HTML 2Page - EPCOS B37830R0220J021 Datasheet HTML 3Page - EPCOS B37830R0220J021 Datasheet HTML 4Page - EPCOS B37830R0220J021 Datasheet HTML 5Page - EPCOS B37830R0220J021 Datasheet HTML 6Page - EPCOS B37830R0220J021 Datasheet HTML 7Page - EPCOS B37830R0220J021 Datasheet HTML 8Page - EPCOS B37830R0220J021 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
104 10/02
Multilayer Ceramic Capacitors
X7R
Product range array capacitors
X7R
2-fold arrays
4-fold arrays
Size1)
inch
mm
0405
1012
0508
1220
0612
1632
Type
B37831
B37941
B37872
16
25
50
1,0 nF
1,5 nF
2,2 nF
3,3 nF
4,7 nF
6,8 nF
10
nF
15
nF
22
nF
1) l
´ b (inch) / l ´ b (mm)
VR (VDC)
CR
X7R



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com