Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7297SA Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7297SA
Description  7W7W DUAL BRIDGE AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7297SA Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7297SA Datasheet HTML 2Page - STMicroelectronics TDA7297SA Datasheet HTML 3Page - STMicroelectronics TDA7297SA Datasheet HTML 4Page - STMicroelectronics TDA7297SA Datasheet HTML 5Page - STMicroelectronics TDA7297SA Datasheet HTML 6Page - STMicroelectronics TDA7297SA Datasheet HTML 7Page - STMicroelectronics TDA7297SA Datasheet HTML 8Page - STMicroelectronics TDA7297SA Datasheet HTML 9Page - STMicroelectronics TDA7297SA Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TDA7266SA
6/11
Figure 6. Mute Attenuation vs Vpin.8
Figure 7. Stand-By attenuation vs Vpin 9
Figure 8. Quiescent Current vs Supply Voltage
11.522.5
33.544.5
5
0
10
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
Attenua tion (dB )
Vpin .6(V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
0
10
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
Attenuation (dB)
Vpin.7 (V)
3456789
10
11
12
13
14
15
16
17
18
30
35
40
45
50
55
60
65
70
Iq (mA)
Vsupply(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com