Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS7347 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS7347
Description  3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7347 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS7347 Datasheet HTML 9Page - Texas Instruments THS7347 Datasheet HTML 10Page - Texas Instruments THS7347 Datasheet HTML 11Page - Texas Instruments THS7347 Datasheet HTML 12Page - Texas Instruments THS7347 Datasheet HTML 13Page - Texas Instruments THS7347 Datasheet HTML 14Page - Texas Instruments THS7347 Datasheet HTML 15Page - Texas Instruments THS7347 Datasheet HTML 16Page - Texas Instruments THS7347 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
www.ti.com
APPLICATIONS INFORMATION
OPERATING VOLTAGE
INPUT VOLTAGE
THS7347
SLOS531 – MAY 2007
The THS7347 is targeted for RGB+HV video buffer applications. Although it can be used for numerous other
applications, the needs and requirements of the video signal were the most important design parameters of the
THS7347. Built on the revolutionary complementary silicon-germanium (SiGe) BiCom3 process, the THS7347
incorporates many features not typically found in integrated video parts while consuming very low power. Each
channel configuration is completely independent of the other channels. This architecture allows for any
configuration for each channel to be dictated by the end user, rather than the part dictating what the
configuration must be—resulting in a highly flexible system.
The THS7347 has the following features:
• I2C interface for easy interfacing to the system.
• Single-supply 2.7-V to 5-V operation with low quiescent current of 80 mA at 3.3 V.
• 2:1 input mux.
• Input configuration accepts dc, dc + shift, ac bias, or ac sync-tip clamp selection.
• 500-MHz unity-gain buffer amplifier to drive ADC/Scalar/Decoder.
• Monitor Pass-Through path has an internal fixed gain of 2 V/V (+6 dB) amplifier that can drive two video lines
per channel with dc coupling, traditional ac coupling, or SAG-corrected ac coupling.
• While disabled, the Monitor Pass-Through path has a very high output impedance (> 500 kΩ || 8 pF)
• Power-Up Control (PUC) allows the THS7347 to be fully disabled or have the Monitor Pass-Through function
(with ac-bias mode on all channels) enabled upon initial device power-up.
• Mux is controlled by either I2C or a general-purpose input/output (GPIO) pin, based on the MUX Mode pin
logic.
• H-Sync and V-Sync paths have an externally-adjustable Schmitt trigger threshold
• Disable mode reduces quiescent current to as low as 0.1-µA.
The THS7347 is designed to operate from 2.7 V to 5 V over a -40
°C to +85°C temperature range. The impact on
performance over the entire temperature range is negligible because of the implementation of thin film resistors
and high-quality, low temperature coefficient capacitors.
A 0.1-
µF to 0.01-µF capacitor should be placed as close as possible to the power-supply pins. Failure to do so
may result in the THS7347 outputs ringing or oscillating. Additionally, a large capacitor, such as 100
µF, should
be placed on the power-supply line to minimize issues with 50-Hz/60-Hz line frequencies.
The THS7347 input range allows for an input signal range from ground to approximately (VS+ – 1.6 V). However,
because of the internal fixed gain of 2 V/V (+6 dB), the output is generally the limiting factor for the allowable
linear input range. For example, with a 5-V supply, the linear input range is from GND to 3.4 V. As a result of the
gain, the linear output range limits the allowable linear input range from GND to 2.5 V at most.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com