Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B82141B Datasheet(PDF) 2 Page - EPCOS

Part # B82141B
Description  SBC choke (Small Bobbin Core) Rated current 55 to 725 mA Rated inductance 1 to 1000
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82141B Datasheet(HTML) 2 Page - EPCOS

  B82141B Datasheet HTML 1Page - EPCOS B82141B Datasheet HTML 2Page - EPCOS B82141B Datasheet HTML 3Page - EPCOS B82141B Datasheet HTML 4Page - EPCOS B82141B Datasheet HTML 5Page - EPCOS B82141B Datasheet HTML 6Page - EPCOS B82141B Datasheet HTML 7Page - EPCOS B82141B Datasheet HTML 8Page - EPCOS B82141B Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
11/05
RF chokes
SBC series
B82141A
B82141B
Please read the Important notes at the end of
this document.
SBC choke (Small Bobbin Core)
Rated current 55 to 725 mA
Rated inductance 1 to 1000
NH
Construction
■ Mini ferrite drum core
■ Winding: enamel copper wire
■ Flame-retardant lacquer coating
Features
■ Small size
■ Relatively high rated current
■ RoHS-compatible (see page 6)
Applications
■ RF blocking and filtering
■ Decoupling and interference suppression
■ For electronic household appliances,
automotive and entertainment electronics
Terminals
■ Central axial leads, lead-free tinned
■ Radially bent to 5 mm lead spacing
Marking
Inductance indicated by color bands to IEC 60062
Delivery mode
Taped, Ammo and reel packing (see page 8)
Dimensional drawings
B82141A (axial leads, taped)
B82141B (central radial leads, taped)
IND0116-4
5
12,7
Minimum lead spacing 10 mm
Approx. weight 0.22 g
6.8 max.
9.8 max.
IND0428-3
6±0.5
65±1
lacquered/lackiert
(IEC 60294)
3.5 min.
53
Schematic drawing (details page 8)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com