Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM62A7 Datasheet(PDF) 63 Page - Texas Instruments

Part # AM62A7
Description  AM62Ax Sitara™ Processors
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM62A7 Datasheet(HTML) 63 Page - Texas Instruments

Back Button AM62A7 Datasheet HTML 59Page - Texas Instruments AM62A7 Datasheet HTML 60Page - Texas Instruments AM62A7 Datasheet HTML 61Page - Texas Instruments AM62A7 Datasheet HTML 62Page - Texas Instruments AM62A7 Datasheet HTML 63Page - Texas Instruments AM62A7 Datasheet HTML 64Page - Texas Instruments AM62A7 Datasheet HTML 65Page - Texas Instruments AM62A7 Datasheet HTML 66Page - Texas Instruments AM62A7 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 238 page
background image
Table 6-37. MCASP2 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
MCASP2_ACLKX
IO
MCASP Transmit Bit Clock
C15, R21, W17
MCASP2_AFSR
IO
MCASP Receive Frame Sync
T20, Y20
MCASP2_AFSX
IO
MCASP Transmit Frame Sync
AA18, F14, T22
MCASP2_AXR0
IO
MCASP Serial Data (Input/Output)
AB21, B17, P22
MCASP2_AXR1
IO
MCASP Serial Data (Input/Output)
AA20, C18, R19
MCASP2_AXR2
IO
MCASP Serial Data (Input/Output)
AA21, R20
MCASP2_AXR3
IO
MCASP Serial Data (Input/Output)
R22, W18
MCASP2_AXR4
IO
MCASP Serial Data (Input/Output)
N21, Y19
MCASP2_AXR5
IO
MCASP Serial Data (Input/Output)
AB19, N20
MCASP2_AXR6
IO
MCASP Serial Data (Input/Output)
AA19, N19
MCASP2_AXR7
IO
MCASP Serial Data (Input/Output)
N18, Y20
MCASP2_AXR8
IO
MCASP Serial Data (Input/Output)
N17, Y18
MCASP2_AXR9
IO
MCASP Serial Data (Input/Output)
P18
MCASP2_AXR10
IO
MCASP Serial Data (Input/Output)
P19
MCASP2_AXR11
IO
MCASP Serial Data (Input/Output)
P21
MCASP2_AXR12
IO
MCASP Serial Data (Input/Output)
M18
MCASP2_AXR13
IO
MCASP Serial Data (Input/Output)
K18
MCASP2_AXR14
IO
MCASP Serial Data (Input/Output)
M19
MCASP2_AXR15
IO
MCASP Serial Data (Input/Output)
M21
6.3.15 MCSPI
6.3.15.1 MAIN Domain
Table 6-38. MCSPI0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
SPI0_CLK
IO
SPI Clock
A17
SPI0_CS0
IO
SPI Chip Select 0
D16
SPI0_CS1
IO
SPI Chip Select 1
C16
SPI0_CS2
IO
SPI Chip Select 2
F14
SPI0_CS3
IO
SPI Chip Select 3
C15
SPI0_D0
IO
SPI Data 0
B15
SPI0_D1
IO
SPI Data 1
E15
Table 6-39. MCSPI1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
SPI1_CLK
IO
SPI Clock
H19, Y7
SPI1_CS0
IO
SPI Chip Select 0
AA7, K21
SPI1_CS1
IO
SPI Chip Select 1
AB7, K20
SPI1_CS2
IO
SPI Chip Select 2
Y6
SPI1_CS3
IO
SPI Chip Select 3
AB6
SPI1_D0
IO
SPI Data 0
AB8, J20
SPI1_D1
IO
SPI Data 1
J22, W9
Table 6-40. MCSPI2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
SPI2_CLK
IO
SPI Clock
A21, AA6, E17
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1
SPRSP77A – MARCH 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com