Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1771T Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 1771T
Description  Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

1771T Datasheet(HTML) 2 Page - National Semiconductor (TI)

  1771T Datasheet HTML 1Page - National Semiconductor (TI) 1771T Datasheet HTML 2Page - National Semiconductor (TI) 1771T Datasheet HTML 3Page - National Semiconductor (TI) 1771T Datasheet HTML 4Page - National Semiconductor (TI) 1771T Datasheet HTML 5Page - National Semiconductor (TI) 1771T Datasheet HTML 6Page - National Semiconductor (TI) 1771T Datasheet HTML 7Page - National Semiconductor (TI) 1771T Datasheet HTML 8Page - National Semiconductor (TI) 1771T Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Connection Diagrams
Top View
Top View
20189002
6-Lead LLP (3mm x 3mm)
NS Package Number SDE06A
20189040
MSOP-8
NS Package Number MUA08A
Ordering Information
For 6-Lead LLP Package
Order Number
Timing Option
Package Type
NSC Package
Drawing
Top Mark
Supplied As
LM1771SSD
500ns
6-Lead LLP
SDE06A
1771S
1000 units Tape and Reel
LM1771SSDX
1771S
4500 units Tape and Reel
LM1771TSD
1000ns
1771T
1000 units Tape and Reel
LM1771TSDX
1771T
4500 units Tape and Reel
LM1771USD
2000ns
1771U
1000 units Tape and Reel
LM1771USDX
1771U
4500 units Tape and Reel
For 8-Lead MSOP Package
Order Number
Timing Option
Package Type
NSC Package
Drawing
Top Mark
Supplied As
LM1771SMM
500ns
MSOP-8
MUA08A
SNRB
1000 units Tape and Reel
LM1771SMMX
SNRB
3500 units Tape and Reel
LM1771TMM
1000ns
SNSB
1000 units Tape and Reel
LM1771TMMX
SNSB
3500 units Tape and Reel
LM1771UMM
2000ns
SNTB
1000 units Tape and Reel
LM1771UMMX
SNTB
3500 units Tape and Reel
Pin Descriptions
Pin #
Name
Function
LLP-6
MSOP-8
1
1
FB
Feedback Pin
2
2, 3
GND
Ground
3
4
HG
PFET Gate Drive
4
5
LG
NFET Gate Drive
5
6, 7
VIN
Input Supply
6
8
EN
Enable Pin
DAP
-
Die Attach Pad is internally connected to GND, but it cannot
be used as the primary GND connection
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com