Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

6013 Datasheet(PDF) 21 Page - Christian Bürkert GmbH & Co. KG

Part # 6013
Description  Mass Flow Controller (MFC)/ Mass Flow Meter (MFM) for gases
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6013 Datasheet(HTML) 21 Page - Christian Bürkert GmbH & Co. KG

Back Button 6013 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 6013 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Type 8742
21 | 28
Visit product website 
5.
Device / Process connections
5.1. büS/CANopen
M12 plug, 5-pin (A-coded)
Pin
Assignment
2
1
4
3
5
Coding
1
Shielding
2
24 V
3
DGND
4
CAN_H
5
CAN_L
5.2. Analogue
M12 socket, 5-pin (A-coded)
Pin
Assignment
Coding
2
1
4
3
5
1
Digital input GND
2
Digital input +
3
Relay, reference contact
4
Relay, normally closed contact
5
Relay, normally open contact
M12 plug, 5-pin (A-coded)
Pin
Assignment
1
2
3
4
5
Coding
1
GND for the analogue output (for MFM) or
GND for the analogue output and the setpoint
input (for MFC)
2
24 V
3
GND for supply voltage
4
Setpoint input (not connected for MFM)
5
Analogue output for the measured value
5.3. Industrial Ethernet
2 x M8 socket, 4-pin
Pin
Assignment
1
2
3
4
Coding
Coding
Coding
1
TX +
2
RX +
3
TX -
4
RX -
M12 plug, 5-pin (A-coded)
Pin
Assignment
1
2
3
4
5
Coding
1
GND for the analogue output (for MFM) or
GND for the analogue output and the setpoint
input (for MFC)
2
24 V
3
GND for supply voltage
4
Setpoint input (not connected for MFM)
5
Analogue output for the measured value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com