Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

6724 Datasheet(PDF) 21 Page - Christian Bürkert GmbH & Co. KG

Part # 6724
Description  Mass flow controller (MFC)/mass flowmeter (MFM) for gases
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6724 Datasheet(HTML) 21 Page - Christian Bürkert GmbH & Co. KG

Back Button 6724 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 6724 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 6724 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 6724 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 6724 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 6724 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 6724 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 6724 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 6724 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Type 8743
21 | 21
Visit product website 
9.3. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and easily.
Try out our product filter
9.4. Bürkert Product Enquiry Form
Bürkert Product Enquiry Form – Your enquiry quickly and compactly
Would you like to make a specific product enquiry based on your technical requirements?
Use our Product Enquiry Form for this purpose. There you will find all the relevant information
for your Bürkert contact. This will enable us to provide you with the best possible advice.
Fill out the form now
9.5. Ordering chart accessories
Description
Article no.
General accessories
USB büS interface set 2 (Type 8923) for connection to the Bürkert Communicator software: including büS stick,
connection cable to M12 plug, M12 connection cable on micro USB for the büS service interface and Y-distribu-
tor, cable length: 0.7 m
772551 
Power supply unit Phoenix Class2 (Type 1573), 85…240 V AC/24 V DC, 1.25 A, NEC Class 2 (UL 1310)
772438 
Power supply unit for standard rail (Type 1573), 100…240 V AC/24 V DC, 1 A, NEC Class 2 (UL 1310)
772361 
Power supply unit for standard rail (Type 1573), 100…240 V AC/24 V DC, 2 A, NEC Class 2 (UL 1310)
772362 
Power supply unit for standard rail (Type 1573), 100…240 V AC/24 V DC, 4 A
772363 
Memory card
On request
Device description files for software interfaces
Download from
www.burkert.com
Bürkert Communicator software
Download from
www.burkert.com
For Type 8743 Analogue
Terminal block 6-pin (standard for Type 8743, included in delivery of the corresponding analogue variant)
On request
D-sub adapter cable, on strand, cable length: 5 m
580882 
D-sub adapter cable, on strand, cable length: 10 m
580883 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com