| Electronic Components Datasheet Search |
|
HCS410T-ST Datasheet(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS410T-ST Datasheet(HTML) 15 Page - Microchip Technology |
|
15 / 36 page ![]() HCS410 2001 Microchip Technology Inc. Preliminary DS40158E-page 15 2.4.3 HCS410 RESPONSES The responses from the HCS410 are in PPM format. See Figure 2-17 for additional information. Every response from the HCS410 is preceded by a “2 bit pre- amble” of 012, and then 16/32 bits of data. 2.4.4 IFF RESPONSE The 16/32-bit response to a 16/32-bit challenge, is transmitted once, after which the device is ready to accept another command. The same applies to the result of a Read command. The opcode written to the device specifies the challenge length and algorithm used. The response always starts with a leading pre- amble of 012 followed by the 16/32 bits of data. 2.4.5 IFF WRITE The decoder can write to USER[0:3], SER[0:1], and the configuration word in the EEPROM. After the HCS410 has written the word into the EEPROM, it will give two acknowledge pulses (TE wide and TE apart) on the LC pins. When writing to the serial number or configuration word, the user must send the transport code before the write will begin (Section 3.4) . 2.4.6 IFF READ The decoder can read USER[0:3], SER[0:1], and the configuration word in the EEPROM. After the data has been read, the device is ready to receive a command again. Each read command is followed by a 16-bit data response. The response always starts with a leading preamble of 012 and then the 16-bits of data. 2.4.7 IFF PROGRAMMING Upon receiving a programming opcode and the trans- port code, the EEPROM is erased (Section 3.4). There- after, the first 16 bits of data can be written. After indicating that a write command has been successfully completed the device is ready to receive the next 16 bits. After a complete memory map was received, it will be transmitted in PPM format on the LC pins as 16-bit words. This enables wireless programming of the device. After the EEPROM is erased, the configuration word is reloaded. This results in oscillator tuning bits of 0000 being used during programming. When using IFF pro- gramming, the user should read the configuration word and store the oscillator bits in the memory map to be programmed. A program command should be sent and the next set of ACK pulses transmitted by the HCS410 should be used to determine the TE. A second program command can then be sent, and the device pro- grammed using the TE just calibrated. Note: If the configuration word is written, the device must be reset to allow the new con- figuration settings to come into effect. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |