Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCS410-ST Datasheet(PDF) 24 Page - Microchip Technology

Part # HCS410-ST
Description  KEELOQ짰 Code Hopping Encoder and Transponder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410-ST Datasheet(HTML) 24 Page - Microchip Technology

Back Button HCS410-ST Datasheet HTML 20Page - Microchip Technology HCS410-ST Datasheet HTML 21Page - Microchip Technology HCS410-ST Datasheet HTML 22Page - Microchip Technology HCS410-ST Datasheet HTML 23Page - Microchip Technology HCS410-ST Datasheet HTML 24Page - Microchip Technology HCS410-ST Datasheet HTML 25Page - Microchip Technology HCS410-ST Datasheet HTML 26Page - Microchip Technology HCS410-ST Datasheet HTML 27Page - Microchip Technology HCS410-ST Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
HCS410
DS40158E-page 24
Preliminary
 2001 Microchip Technology Inc.
4.3
CH Mode Decoder Operation
In a typical decoder operation (Figure 4-4), the key
generation on the decoder side is done by taking the
serial number from a transmission and combining that
with the manufacturer’s code to create the same
encoder key that is stored in the HCS410. Once the
encoder key is obtained, the rest of the transmission
can be decrypted. The decoder waits for a transmission
and immediately checks the serial number to determine
if it is a learned transmitter. If it is, the code hopping por-
tion of the transmission is decrypted using the stored
key. It uses the discrimination bits to determine if the
decryption was valid. If everything up to this point is
valid, the synchronization counter value is evaluated.
FIGURE 4-4:
TYPICAL CH MODE
DECODER OPERATION
?
Transmission
Received
Does
Serial Number
Match
?
Decrypt Transmission
Is
Decryption
Valid
?
Is
Counter
Within 16
?
Is
Counter
Within 32K
?
Update
Counter
Execute
Command
Save Counter
in Temp Location
Start
No
No
No
No
Yes
Yes
Yes
Yes
Yes
and
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com