Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B760 Datasheet(PDF) 6 Page - EPCOS

Part # B760
Description  Polymer chip capacitors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B760 Datasheet(HTML) 6 Page - EPCOS

Back Button B760 Datasheet HTML 2Page - EPCOS B760 Datasheet HTML 3Page - EPCOS B760 Datasheet HTML 4Page - EPCOS B760 Datasheet HTML 5Page - EPCOS B760 Datasheet HTML 6Page - EPCOS B760 Datasheet HTML 7Page - EPCOS B760 Datasheet HTML 8Page - EPCOS B760 Datasheet HTML 9Page - EPCOS B760 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
B76
0
02
D
337
9
M
025
TOPcap family
Series
0 = Basic
Rated voltage
02 = 2.5 V, 04 = 4 V, 06 = 6.3 V,
10 = 10 V, 16 = 16 V
Case size
B, D, V
Rated capacitance + exponent
C [pF]
10x
686 = 68 pF
106 = 68
µF, 157 = 15 pF 107 = 150 µF,
108 = 10 pF
108 = 1000
µF
Reel diameter
9 = 180 mm, 6 = 330 mm
Capacitance tolerance
M =
±20%
ESR value
E.g.: 009 = 9 m
Ω, 018 = 18 mΩ, 045 = 45 mΩ
Polymer chip capacitors
B760
TOPcap - Basic
Page 6 of 26
Please read Important notes and
Cautions and warnings at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com