Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B801 Datasheet(PDF) 2 Page - EPCOS

Part # B801
Description  Satellite Receiver Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B801 Datasheet(HTML) 2 Page - EPCOS

  B801 Datasheet HTML 1Page - EPCOS B801 Datasheet HTML 2Page - EPCOS B801 Datasheet HTML 3Page - EPCOS B801 Datasheet HTML 4Page - EPCOS B801 Datasheet HTML 5Page - EPCOS B801 Datasheet HTML 6Page - EPCOS B801 Datasheet HTML 7Page - EPCOS B801 Datasheet HTML 8Page - EPCOS B801 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Nov 20, 2002
SAW Components
B 801
479,50 MHz
Satellite Receiver Filter
Data Sheet
Ceramic package QCC8C
Features
s
Two-channel satellite receiver filter
s
IF filter for DSB receivers
s
Constant group delay
s
Ceramic package for Surface Mounted
Technology (SMT)
Terminals
s
Ni, gold plated
Dimensions in mm, approx. weight 0,1 g
Pin configuration
1
Input channel 2
2
Input ground
3
Input channel 1
5
Output ground channel 2
6
Output
7
Ground, output ground channel 1
4,8
Case ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B 801
B39481-B801-U310
C61157-A7-A56
F61074-V8169-Z000
Maximum ratings
Operable temperature range
TA
–25/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
between any terminals
AC voltages
Vpp
5
V
between any terminals



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com