Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCS34087 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # TCS34087
Description  ALS/Color Sensor with Selective Flicker Detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34087 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button TCS34087 Datasheet HTML 15Page - OSRAM GmbH TCS34087 Datasheet HTML 16Page - OSRAM GmbH TCS34087 Datasheet HTML 17Page - OSRAM GmbH TCS34087 Datasheet HTML 18Page - OSRAM GmbH TCS34087 Datasheet HTML 19Page - OSRAM GmbH TCS34087 Datasheet HTML 20Page - OSRAM GmbH TCS34087 Datasheet HTML 21Page - OSRAM GmbH TCS34087 Datasheet HTML 22Page - OSRAM GmbH TCS34087 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
Page 18
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-01
TCS3408 − Register O ver view
0x9D
ADATA4
RALS channel four data
0x00
0x9E
0x00
0x9F
ADATA5
RALS channel five data
0x00
0xA0
0x00
0xA3
STATUS2
R/W
Device status two
0x00
0xA4
STATUS3
R/W
Device status three
0x08
0xA6
STATUS5
R/W
Device status five
0x00
0xA7
STATUS6
R/W
Device status six
0x00
0xA9
CFG0
R/W
Configuration zero
0x00
0xAA
CFG1
R/W
Configuration one
0x09
0xAC
CFG3
R/W
Configuration three
0x0C
0xAD
CFG4
R/W
Configuration four
0x00
0xAF
CFG6
R/W
Configuration six
0x00
0xB1
CFG8
R/W
Configuration eight
0x80
0xB2
CFG9
R/W
Configuration nine
0x00
0xB3
CFG10
R/W
Configuration ten
0xF2
0xB4
CFG11
R/W
Configuration eleven
0x40
0xB5
CFG12
R/W
Configuration twelve
0x00
0xBD
PERS
R/W
Persistence configuration
0x00
0xCA
ASTEP
R/W
ALS integration step size
0xE7
0xCB
0x03
0xCF
AGC_GAIN_MAX
R/W
Maximum AGC gains
0x99
0xD6
AZ_CONFIG
R/W
Autozero configuration
0xFF
0xDB
FD_STATUS
R
Flicker detection configuration zero
0x00
0xF9
INTENAB
R/W
Enable interrupts
0x00
0xFA
CONTROL
R/W
Control
0x00
Addr
Name
Type
Description
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com