Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCS3430 Datasheet(PDF) 25 Page - OSRAM GmbH

Part # TCS3430
Description  Color and ALS Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3430 Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button TCS3430 Datasheet HTML 21Page - OSRAM GmbH TCS3430 Datasheet HTML 22Page - OSRAM GmbH TCS3430 Datasheet HTML 23Page - OSRAM GmbH TCS3430 Datasheet HTML 24Page - OSRAM GmbH TCS3430 Datasheet HTML 25Page - OSRAM GmbH TCS3430 Datasheet HTML 26Page - OSRAM GmbH TCS3430 Datasheet HTML 27Page - OSRAM GmbH TCS3430 Datasheet HTML 28Page - OSRAM GmbH TCS3430 Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
Page 24
Datasheet, Public
Document Feedback
[v3-00] 2023-Jan-18
TCS3430 − Application Information
Figure 39:
Typical Application Hardware Circuit
Note(s):
1. Place the 1μF capacitors as close as possible to the module.
2. VDD = 1.8V, VBUS = 1.8V.
3. The N/C pins (5 and 6) that are not indicated in the circuit diagram may be connected to GND or not connected (remain open).
Application Information
1.8V
VBUS
INT
SCL
SDA
4.7µF
R = 22
Ω
TCS3430
GND
VDD
GND
INT
SCL
SDA
RPU (x3) = 2.2K
Ω
1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com