Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMD26727 Datasheet(PDF) 25 Page - OSRAM GmbH

Part # TMD26727
Description  Digital Proximity Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26727 Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button TMD26727 Datasheet HTML 21Page - OSRAM GmbH TMD26727 Datasheet HTML 22Page - OSRAM GmbH TMD26727 Datasheet HTML 23Page - OSRAM GmbH TMD26727 Datasheet HTML 24Page - OSRAM GmbH TMD26727 Datasheet HTML 25Page - OSRAM GmbH TMD26727 Datasheet HTML 26Page - OSRAM GmbH TMD26727 Datasheet HTML 27Page - OSRAM GmbH TMD26727 Datasheet HTML 28Page - OSRAM GmbH TMD26727 Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
Page 24
ams Datasheet
Document Feedback
[v1-00] 2015-Mar-23
TMD2672 − Principles of Operation
Wait Time Register (0x03)
Wait time is set 2.73ms increments unless the WLONG bit is
asserted, in which case the wait times are 12× longer. WTIME is
programmed as a 2’s complement number. Upon power up, the
Wait Time Register is set to 0xFF.
Figure 30:
Proximity Time Control Register
Note(s) and/or Footnote(s):
1. The Proximity Wait Time Register should be configured before PEN is asserted.
Proximity Interrupt Threshold Register
(0x08 - 0x0B)
The Proximity Interrupt Threshold Registers provide the values
to be used as the high and low trigger points for the comparison
function for interrupt generation. If the value generated by
proximity channel crosses below the lower threshold specified,
or above the higher threshold, an interrupt is signaled to the
host processor.
Figure 31:
Proximity Interrupt Threshold Register
Field
Bits
Description
WTIME
7:0
Register Value
Wait Time
Time (WLONG = 0)
Time (WLONG = 1)
0xFF
1
2.72ms
0.032 sec
0xB6
74
200ms
2.4 sec
0x00
256
700ms
8.3 sec
Register
Address
Bits
Description
PILTL
0x08
7:0
Proximity low threshold lower byte
PILTH
0x09
7:0
Proximity low threshold upper byte
PIHTL
0x0A
7:0
Proximity high threshold lower byte
PIHTL
0x0B
7:0
Proximity high threshold upper byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com