| Electronic Components Datasheet Search |
|
TMD2772WA Datasheet(PDF) 16 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD2772WA Datasheet(HTML) 16 Page - OSRAM GmbH |
|
16 / 60 page ![]() ams Datasheet Page 15 [v1-21] 2016-Feb-16 Document Feedback TMD2772/ TMD2772WA − Detailed Description The light-to-digital device provides on-chip photodiodes, integrating amplifiers, ADCs, accumulators, clocks, buffers, comparators, a state machine, and an I²C interface. Each device combines one photodiode (CH0), which is responsive to both visible and infrared light, and a second photodiode (CH1), which is responsive primarily to infrared light. Two integrating ADCs simultaneously convert the amplified photodiode currents to a digital value providing up to 16-bits of resolution. Upon completion of the conversion cycle, the conversion result is transferred to the Ch0 and Ch1 data registers. This digital output can be read by a microprocessor where the luminance (ambient light level in lux) is derived using an empirical formula to approximate the human eye response. Figure 21: Detailed Block Diagram of TMD2772/TMD2772WA A fully integrated proximity detection solution is provided with an 850-nm IR LED, LED driver circuit, and proximity detection engine. An internal LED driver pin (LDR) is externally connected to the LED cathode (LEDK) to provide a controlled LED sink current. This is accomplished with a proprietary current calibration technique that accounts for all variances in silicon, optics, package, and most important, IR LED output power. This eliminates or greatly reduces the need for factory calibration that is required for most discrete proximity sensor solutions. The device is factory calibrated to achieve a proximity count Detailed Description Wait Control Interrupt Lower Limit Upper Limit Lower Limit Upper Limit INT SCL SDA LEDA LEDK TMD2772 Channel 0 Channel 1 LDR VDD CH0 ADC CH1 ADC CH0 Data CH1 Data ALC Control Prox Data Prox ADC Prox Integration Prox Control IR LED Constant Current Sink GND |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |