Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMD4903 Datasheet(PDF) 66 Page - OSRAM GmbH

Part # TMD4903
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD4903 Datasheet(HTML) 66 Page - OSRAM GmbH

Back Button TMD4903 Datasheet HTML 62Page - OSRAM GmbH TMD4903 Datasheet HTML 63Page - OSRAM GmbH TMD4903 Datasheet HTML 64Page - OSRAM GmbH TMD4903 Datasheet HTML 65Page - OSRAM GmbH TMD4903 Datasheet HTML 66Page - OSRAM GmbH TMD4903 Datasheet HTML 67Page - OSRAM GmbH TMD4903 Datasheet HTML 68Page - OSRAM GmbH TMD4903 Datasheet HTML 69Page - OSRAM GmbH TMD4903 Datasheet HTML 70Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 86 page
background image
Datasheet, Public
Page 65
[v2-00] 2022-Nov-03
Document Feedback
TMD4903 − Application Information
Figure 76:
Number of Repeated Sub-Pattern Loops
Protocols with “Repeated” Sub-Patterns: The blue box represents a repeated part of a pattern. These
sub-patterns begin at an address within the red box and burst until the end of the pattern is encountered. The
repeated sub-pattern can be reiterated 1 to 254 times, or continuously.
Digital Logic
The Simplified Flow Diagram depicts the basic premise of how
an entire waveform is generated. Protocols of the form
described in Figure 75 and Figure 76 can be generated using
the mechanism depicted below. Any functionality show in the
red, blue, or green boxes can be activated or omitted via control
register settings or special operators in pattern RAM to produce
virtually any waveform.
Typically, patterns are built by assembling pulses and gaps in a
particular order. To this end the length of time for each pulse
and gap, measured in multiples of carrier periods, as well as the
order of each pulse/gap pair are specified in the
equipment/button data. The remote control engine can directly
accept the data in this format. Pulse/Gap order is stored in
pattern RAM and pulse/gap time durations are stored in the
Timewords table.
Pause
Loop ISNL Times
Loop IPNL Times
IDLE
START
IDLE
Protocols with Repeated
Sub-Patterns
Repeat
Sub-
pattern
“Run-once”
Sub-
pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com