Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMF8801 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # TMF8801
Description  Time-of-Flight Sensor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8801 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button TMF8801 Datasheet HTML 4Page - OSRAM GmbH TMF8801 Datasheet HTML 5Page - OSRAM GmbH TMF8801 Datasheet HTML 6Page - OSRAM GmbH TMF8801 Datasheet HTML 7Page - OSRAM GmbH TMF8801 Datasheet HTML 8Page - OSRAM GmbH TMF8801 Datasheet HTML 9Page - OSRAM GmbH TMF8801 Datasheet HTML 10Page - OSRAM GmbH TMF8801 Datasheet HTML 11Page - OSRAM GmbH TMF8801 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
Document Feedback
TMF8801
TMF8801 Module Description
Datasheet
• PUBLIC
DS000648
• v10-00 • 2022-Dec-20
72
│ 7
Pin Number
Pin Name
Signal Type
Description
4
INT
Output
Interrupt. Open-drain output; connect to GND
if not used
5
SCL
Input
I²C Serial Clock
6
SDA
I/O
I²C Serial Data
7
VDD
Supply
Chip Supply voltage (3 V); add a capacitor
GRM155R70J104KA01 (0402 X7R 0.1 µF
6.3 V) to GND
8
GND
Ground
Chip Ground; connect all ground pins
together
9
EN
Input
Enable input active high; setting to low forces
the device into shutdown and all memory
content is lost; connected to TMF8801 VDD if
not connected to a host GPIO
10
GPIO1
I/O
General purpose input/output; default output
low; leave open if not used
11
GNDV
Ground
VCSEL Ground; connect all ground pins
together
12
VDDV
Supply
VCSEL Supply voltage (3 V); add a capacitor
GRM155R70J104KA01 (0402 X7R 0.1 µF
6.3 V) to GND
(1)
SDA, SCL, INT and EN have no diode to any VDD supply. Therefore even with VDD=0 V they do not block the interrupt
line or I²C bus.
(2)
GPIO0 and GPIO1 are push/pull output and have a diode to VDD; therefore if VDD is not powered, GPIO0 and GPIO1
should not be driven from outside.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com