Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSL2572 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # TSL2572
Description  Light-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2572 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button TSL2572 Datasheet HTML 10Page - OSRAM GmbH TSL2572 Datasheet HTML 11Page - OSRAM GmbH TSL2572 Datasheet HTML 12Page - OSRAM GmbH TSL2572 Datasheet HTML 13Page - OSRAM GmbH TSL2572 Datasheet HTML 14Page - OSRAM GmbH TSL2572 Datasheet HTML 15Page - OSRAM GmbH TSL2572 Datasheet HTML 16Page - OSRAM GmbH TSL2572 Datasheet HTML 17Page - OSRAM GmbH TSL2572 Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
Datasheet, Public
Page 13
[v2-00] 2022-Nov-30
Document Feedback
TSL2572 − Principles Of Operation
System State Machine
An internal state machine provides system control of the ALS
and wait timer features of the device. At power up, an internal
power-on-reset initializes the device and puts it in a low-power
Sleep state.
When a start condition is detected on the I²C bus, the device
transitions to the Idle state where it checks the Enable register
(0x00) PON bit. If PON is disabled, the device will return to the
Sleep state to save power. Otherwise, the device will remain in
the Idle state until the ALS function is enabled. Once enabled,
the device will execute the Wait and ALS states in sequence as
indicated in Figure 16. Upon completion and return to Idle, the
device will automatically begin a new Wait-ALS cycle as long as
PON and AEN remain enabled.
If the ALS function generates an interrupt and the
Sleep-After-Interrupt (SAI) feature is enabled, the device will
transition to the Sleep state and remain in a low-power mode
until an I²C command is received. See the Interrupts section for
additional information.
Figure 16:
Simplified State Diagram
Principles Of Operation
!WEN
& AEN
Sleep
Idle
ALS
Wait
I2C
Start
!PON
INT & SAI
WEN &
AEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com