Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VRBC-10A2AX Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # VRBC-10A2AX
Description  NON-ISOLATED DC/DC CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRBC-10A2AX Datasheet(HTML) 2 Page - Bel Fuse Inc.

  VRBC-10A2AX Datasheet HTML 1Page - Bel Fuse Inc. VRBC-10A2AX Datasheet HTML 2Page - Bel Fuse Inc. VRBC-10A2AX Datasheet HTML 3Page - Bel Fuse Inc. VRBC-10A2AX Datasheet HTML 4Page - Bel Fuse Inc. VRBC-10A2AX Datasheet HTML 5Page - Bel Fuse Inc. VRBC-10A2AX Datasheet HTML 6Page - Bel Fuse Inc. VRBC-10A2AX Datasheet HTML 7Page - Bel Fuse Inc. VRBC-10A2AX Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
8.3 Vdc - 14 Vdc Input
0.75 Vdc - 5.0 Vdc/10 A Output
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
Vo, set
≤ 3.63 V
Vo, set
> 3.63 V
8.3 V
8.3 V
12 V
12 V
14 V
13.2 V
Input Current (full load)
-
-
6.5 A
An input line fuse must always be
used.
Input Current (no load)
-
80 mA
-
Remote Off Input Current
-
2 mA
-
Input Reflected Ripple Current (pk-pk)
-
-
100 mA
Input Reflected Ripple Current (rms)
-
-
30 mA
Tested with one 1000 uF/25 V AL
input capacitor with ESR=0.03 ohm
max and 4 × 47 uF/25 V tan
capacitors with ESR=0.013 ohm max
at 100 kHz, & simulated source
impedance of 1000 nH, 5 Hz to
20 MHz.
I
2t Inrush Current Transient
-
0.2 A
2s
0.4 A
2s
Turn-on Voltage Threshold
-
7.9 V
Turn-off Voltage Threshold
-
7.8 V
Note
: All specifications are typical at 25
°C unless otherwise stated.
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
-2% Vo,set
-
2% Vo,set
Vin=12 V, full load
Load Regulation
-
0.3% Vo,set
-
Line Regulation
-
0.2% Vo,set
-
Regulation Over Temperature
(-40
°C to +85 °C)
-
0.4% Vo,set
-
Tref=Tamin to Tamax
Output Current
0 A
-
10 A
Current Limit Threshold
-
200% Io
-
Short Circuit Surge Transient
-
1 A
2s
3 A
2s
Ripple and Noise (pk-pk)
-
40 mV
100 mV
Ripple and Noise (rms)
-
20 mV
40 mV
Tested with 0-20 MHz, with
10 uF tantalum capacitor &
1uF ceramic capacitor
Turn on Time
-
8 mS
20 mS
Overshoot at Turn on
-
-
1% Vo,set
Output Capacitance
0 uF
-
5000 uF
Transient Response
50% ~ 100% Max Load
-
100 mV
-
Settling Time
-
50 uS
-
100% ~ 50% Max Load
-
100 mV
-
Settling Time
VO = 0.75 V -
5 V
-
50 uS
-
di/dt=2.5 A/uS; Vin=12 V;
and with 470 uF tantalum
capacitors at the output
Note
: All specifications are typical at nominal input, full load at 25 °C unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com