Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VRBC-10E2AX Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # VRBC-10E2AX
Description  NON-ISOLATED DC/DC CONVERTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRBC-10E2AX Datasheet(HTML) 4 Page - Bel Fuse Inc.

  VRBC-10E2AX Datasheet HTML 1Page - Bel Fuse Inc. VRBC-10E2AX Datasheet HTML 2Page - Bel Fuse Inc. VRBC-10E2AX Datasheet HTML 3Page - Bel Fuse Inc. VRBC-10E2AX Datasheet HTML 4Page - Bel Fuse Inc. VRBC-10E2AX Datasheet HTML 5Page - Bel Fuse Inc. VRBC-10E2AX Datasheet HTML 6Page - Bel Fuse Inc. VRBC-10E2AX Datasheet HTML 7Page - Bel Fuse Inc. VRBC-10E2AX Datasheet HTML 8Page - Bel Fuse Inc. VRBC-10E2AX Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5 Vdc - 14 Vdc Input
0.75 Vdc - 3.63 Vdc/10 A Output
Output Trim Equations
Equation for calculating the trim resistor (in Ω) given the desired output voltage (Vo) is shown below. The Trim
Up resistor should be connected between the Trim pin and Ground.
1000
7525
.
0
10500
−
−
=
Vo
R
trim
Equation for calculating the trim voltage (in V) given the desired output voltage (Vo) is shown below. The Trim
Up voltage should be connected between the Trim pin and Ground.
)
7525
.
0
(
0667
.
0
7
.
0
−
×
−
=
Vo
V
trim
Rtrim
Module
Vout
GND
Sense
trim
Vtrim
Module
Vout
GND
Sense
trim



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com